Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH65TAD-R

  • AI
    The **MH65TAD-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are fundamental in power management circuits, particularly in DC-DC converters. --- ### 1. Technical Specifications Below is a breakdown of the typical technical characteristics found in the MH65 series inductors: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (Shielded) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Metal Alloy / Carbonyl Powder (High Saturation) | | **Shielding** | Magnetically Shielded (Reduces EMI) | | **Operating Temp** | -40°C to +125°C (including self-heating) | | **Construction** | Molded structure for high reliability | ### 2. Physical Characteristics The "65" in the part number usually refers to the physical dimensions of the component. * **Size:** Approximately 6.0mm x 6.0mm (or 6.5mm depending on the specific manufacturer's footprint). * **Profile:** Low-profile design, making it ideal for compact mobile electronics. * **Termination:** Lead-free (RoHS compliant) solder pads. ### 3. Key Electronic Functions The MH65TAD-R serves several critical roles within a circuit: 1. **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out high-frequency noise and ripples in power supplies. 3. **High Saturation Current:** Because it uses a metal alloy core, it can handle high peak currents without the inductance dropping sharply (soft saturation). ### 4. Common Applications * **DC-DC Converters:** Found in point-of-load (POL) power supplies. * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Automotive:** Infotainment systems and LED lighting drivers. * **Servers:** High-efficiency voltage regulator modules (VRMs). --- ### 5. Part Number Decoding (General) While naming conventions vary slightly by manufacturer (such as Cyntec or Chilisin), the code generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **MH** | Series Name (Metal High-Current) | | **65** | Dimensions (6.5mm class) | | **T** | Taping (Packaging type) | | **AD** | Internal design/Material code | | **R** | Inductance Value (e.g., if followed by digits) or RoHS Compliant | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value and current rating for the MH65TAD-R?
    • ⤷ Which manufacturers produce this specific inductor series?
    • ⤷ What are the common failure modes for metal alloy inductors in high-heat environments?