Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH66TCD-R

  • AI
    The **MH66TCD-R** belongs to a specific category of low-power, high-frequency radio frequency (RF) components, typically associated with wireless remote control systems (such as garage door openers, security alarms, or toy controllers). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The MH66TCD-R is primarily a **Surface Acoustic Wave (SAW) Resonator** or a specialized **RF Transmitter Module** component. It is designed to stabilize the frequency of a transmitter circuit, ensuring it operates precisely at a designated frequency (commonly 315MHz or 433.92MHz). ### 2. Key Technical Specifications The following table outlines the typical parameters for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SAW Resonator / RF Filter | | **Center Frequency** | 315.0 MHz or 433.92 MHz | | **Frequency Tolerance** | ±75 kHz to ±250 kHz | | **Insertion Loss** | 1.5 dB - 2.0 dB | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | TO-39 (Metal Can) or SMD (Surface Mount) | | **Impedance** | 50 Ohms (Standard) | --- ### 3. Internal Components and Construction The "MH66" prefix often refers to the manufacturer's series. The internal structure generally consists of: * **Piezoelectric Substrate:** Usually made of Quartz or Lithium Tantalate. * **Interdigital Transducers (IDT):** Microscopic comb-like metal structures that convert electrical signals into mechanical (acoustic) waves and back again. * **Reflectors:** Elements that bounce the acoustic waves back to create a standing wave, establishing the resonance frequency. ### 4. Circuit Application In a standard electronic circuit, the MH66TCD-R is used as the frequency-determining element in an **OOK (On-Off Keying)** or **ASK (Amplitude Shift Keying)** transmitter. ```cpp // Conceptual Logic for an RF Transmitter using MH66TCD-R void transmitData(int pin, String message) { // The MH66TCD-R ensures the 'HIGH' signal // pulses at exactly the rated frequency (e.g., 433MHz) digitalWrite(pin, HIGH); delayMicroseconds(500); digitalWrite(pin, LOW); } ``` --- ### 5. Common Use Cases 1. **Remote Keyless Entry (RKE):** Used in car key fobs to signal the car to lock/unlock. 2. **Wireless Doorbell:** Acts as the stable oscillator for the button unit. 3. **Home Automation:** Found in older 433MHz smart plugs or wireless light switches. 4. **TPMS:** Tire Pressure Monitoring Systems that transmit data to a vehicle's dashboard. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a SAW resonator and a crystal oscillator?
    • ⤷ How do I test if an MH66TCD-R component is functioning correctly?
    • ⤷ Can this part be interchanged between 315MHz and 433MHz circuits?