Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH67FDG-R

  • AI
    The **MH67FDG-R** is a specific model designation typically associated with high-performance **Brushless DC (BLDC) Motors** or **Synchronous Motors**, often utilized in industrial automation, robotics, or specialized cooling systems (such as those manufactured by Nidec or similar motion control companies). Below is a breakdown of the electronic components and technical characteristics associated with this part. --- ### 1. Core Technical Specifications The electronics of the MH67FDG-R are designed for precision motion control. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Permanent Magnet Synchronous | | **Input Voltage** | 24V - 48V DC (Standard range) | | **Control Method** | PWM (Pulse Width Modulation) | | **Feedback System** | Integrated Hall Effect Sensors or Encoder | | **Bearing Type** | Dual Ball Bearing (for high-speed stability) | --- ### 2. Internal Electronic Components The "R" suffix often denotes specific refinements in the integrated circuit (IC) or the rotor assembly. #### A. Integrated Drive Circuitry Unlike simple brushed motors, the MH67FDG-R contains an internal PCB (Printed Circuit Board) that handles: * **Commutation Logic:** Uses Hall sensors to detect the position of the rotor magnets and switch the current to the stator windings. * **Protection Circuits:** Includes Thermal Shutdown (TSD) and Over-Current Protection (OCP) to prevent burnout during a stall. #### B. Feedback & Signaling The electronics usually feature a multi-wire interface: 1. **VCC/GND:** Main power lines. 2. **PWM Input:** Allows an external controller (like a PLC or Arduino) to adjust speed via duty cycle. 3. **FG (Frequency Generator) Signal:** An output wire that sends a square wave pulse per revolution, allowing the master system to monitor actual RPM. --- ### 3. Wiring and Connection Layout The electronics are interfaced through a specific pinout, generally following this logic: | Wire Color/Pin | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Positive Power Supply | | **Black** | GND | Ground | | **Yellow/White** | FG Signal | Tachometer output (Speed feedback) | | **Blue/Brown** | PWM/Vsp | Speed control input | --- ### 4. Application Context The electronics in the MH67FDG-R are optimized for: * **High Dynamic Response:** Rapid acceleration and deceleration. * **Low Electromagnetic Interference (EMI):** The internal filtering capacitors reduce noise that could affect nearby sensors. * **Energy Efficiency:** The BLDC design minimizes heat loss compared to traditional AC induction motors. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MH67FDG-R motor?
    • ⤷ Can this motor be controlled using an Arduino or Raspberry Pi?
    • ⤷ What are the common failure modes for the internal PCB of this motor?