Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH73FDD-R

  • AI
    The **MH73FDD-R** is a specialized high-power, high-current power inductor, typically manufactured by companies like **Sumida**. It is designed specifically for high-efficiency DC-DC converters and power supply modules where space is limited but current demands are high. ### 1. Technical Specifications The MH73FDD series belongs to the family of **Surface Mount (SMD) Power Inductors**. Below are the generalized technical characteristics for this specific series: | Property | Typical Value / Range | | :--- | :--- | | **Inductance Range** | Usually 0.10µH to 2.2µH (varies by sub-model) | | **Current Rating (Isat)** | High (often exceeding 20A - 50A) | | **DCR (DC Resistance)** | Ultra-low (typically < 2.0 mΩ) | | **Operating Temp** | -40°C to +125°C (including self-heating) | | **Material** | Metal Composite / Iron Powder Core | | **Shielding** | Magnetically Shielded | --- ### 2. Core Features & Construction The "FDD" designation often refers to the specific structural design and footprint of the component. * **Metal Composite Core:** Unlike traditional ferrite cores, these use a metal powder blend. This allows for a "soft saturation" characteristic, meaning the inductance doesn't drop off abruptly when current increases. * **Magnetic Shielding:** The construction inherently minimizes Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts near sensitive components. * **Low DCR:** The use of thick copper wire or flat wire windings reduces power loss through heat (Joule heating), which is critical for maintaining efficiency in power stages. --- ### 3. Typical Applications The MH73FDD-R is commonly found in the following electronic environments: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards. 2. **Point of Load (POL) Converters:** Decentralized power supply modules for telecommunications. 3. **High-Current DC-DC Converters:** Buck, Boost, or Buck-Boost circuits requiring high switching frequencies. 4. **Battery Powered Devices:** Where efficiency is paramount to extend battery life. --- ### 4. Part Number Breakdown (General Pattern) * **MH:** Series prefix (Metal High-current). * **73:** Dimensions (Approx. 7.0mm x 3.0mm footprint, though exact height varies). * **FDD:** Specific internal construction/winding style. * **R:** Usually denotes "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What is the saturation current (Isat) vs heat rating current (Irms) for this inductor?
    • ⤷ What are the exact physical dimensions of the MH73FDD-R footprint?
    • ⤷ Are there equivalent alternatives from brands like Coilcraft or TDK?