Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH74TBD-R

  • AI
    The **MH74TBD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Resonator**. These components are fundamental in electronics for providing a stable clock signal or frequency reference for microcontrollers and communication circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The MH74TBD-R belongs to a family of crystals often used in space-constrained applications like wearables, IoT devices, and automotive electronics. | Feature | Description | | :--- | :--- | | **Component Type** | Quartz Crystal Resonator | | **Frequency Range** | Typically 32.768 kHz (Standard for RTC) | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | Often 3.2 x 2.5 mm or smaller (varies by series) | | **Load Capacitance ($C_L$)** | Usually 6pF, 7pF, or 12.5pF | | **Frequency Tolerance** | $\pm$ 20ppm (standard) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Core Electronic Parts & Construction The internal structure of the MH74TBD-R consists of several critical elements that allow it to function as a frequency controller: ### A. The Quartz Blank The "heart" of the device. It is a thin slice of synthetic quartz cut at a specific angle (usually AT-cut or Tuning Fork cut). When an electric field is applied, the quartz physically deforms (the **Piezoelectric Effect**), vibrating at a very precise frequency. ### B. Electrodes Metal layers (usually gold or silver) are evaporated onto the surfaces of the quartz blank. These electrodes allow the electrical circuit to "drive" the crystal and pick up the resulting oscillations. ### C. Ceramic Base The internal parts are housed in a multi-layer ceramic package. This provides: * **Insulation:** Keeps the signals clean. * **Durability:** Protects the quartz from physical shock. ### D. Metal Lid & Kovar Seal The unit is topped with a metal lid and vacuum-sealed (or filled with inert gas like Nitrogen). This prevents oxidation of the electrodes and ensures the frequency does not drift due to humidity or air resistance (damping). --- ## 3. Circuit Application In an electronic circuit, the MH74TBD-R is usually paired with two external capacitors ($C_1$ and $C_2$) and an inverter (internal to the MCU) to form a **Pierce Oscillator**. ### Typical Connection Diagram ```text +-----------------------+ | Microcontroller | | (OSC_IN) (OSC_OUT)| +-----+-----------+-----+ | | | [MH74TBD-R] | | | [C1] [C2] | | (GND) (GND) ``` --- ## 4. Key Advantages * **High Stability:** Extremely low frequency drift over time compared to RC oscillators. * **Low Power:** Ideal for battery-operated devices that need to keep time (Real-Time Clocks). * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental regulations (Lead-free). ---
    ✨ Follow-up Questions
    • ⤷ What is the standard frequency for the MH74TBD-R in Real-Time Clock applications?
    • ⤷ How do load capacitors affect the frequency stability of this crystal?
    • ⤷ What are the common failure modes for SMD quartz crystals?