Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH75TDD-R

  • AI
    The **MH75TDD-R** is a high-performance, insulated-gate bipolar transistor (IGBT) module manufactured by **Mitsubishi Electric**. It is specifically designed for high-power switching applications, commonly found in industrial motor drives and power converters. --- ### 1. Key Technical Specifications The part number indicates specific characteristics regarding voltage, current, and circuit configuration. | Parameter | Specification | | :--- | :--- | | **Device Type** | IGBT Module (High Power) | | **Configuration** | 6-pack (Three-phase Inverter Bridge) | | **Collector-Emitter Voltage ($V_{CES}$)** | 600V | | **Collector Current ($I_C$)** | 75A | | **Package Type** | TDD (Low profile, flat base) | | **Isolation Voltage** | 2500V AC (for 1 minute) | --- ### 2. Internal Components & Structure The module is not a single transistor but an integrated set of components: * **IGBT Chips:** Six individual IGBTs arranged in a bridge configuration to handle DC to AC conversion. * **FWD (Free-Wheeling Diodes):** Each IGBT is paired with an anti-parallel diode to protect the transistor from inductive voltage spikes (back EMF) during switching. * **Thermistor:** Often includes a built-in NTC (Negative Temperature Coefficient) thermistor to monitor the baseplate temperature for thermal protection. * **Insulated Baseplate:** Uses a ceramic isolation layer (typically Alumina or Aluminum Nitride) to allow the module to be bolted directly to a heatsink while remaining electrically isolated. --- ### 3. Functional Applications The MH75TDD-R is utilized in systems requiring efficient power management: 1. **AC Motor Drives:** Controlling the speed and torque of industrial 3-phase motors (Variable Frequency Drives). 2. **Uninterruptible Power Supplies (UPS):** Converting battery DC power into clean AC power. 3. **Servo Amplifiers:** High-precision motion control in robotics and CNC machinery. 4. **Renewable Energy:** Inverters for solar power arrays or wind turbine converters. --- ### 4. Circuit Diagram (Conceptual) The "6-pack" configuration follows this standard internal logic: ```text [ Positive DC Bus (+) ] | | | [IGBT1] [IGBT3] [IGBT5] |----------|----------|------> [ 3-Phase AC Output ] [IGBT2] [IGBT4] [IGBT6] | | | [ Negative DC Bus (-) ] ``` --- ### 5. Critical Precautions * **Gate Drive:** Requires a specialized gate driver circuit to provide the necessary voltage (typically +15V to turn on, -5V to -15V to turn off) and current to charge the gate capacitance quickly. * **Thermal Management:** Despite its high efficiency, the module generates significant heat at 75A. High-quality thermal interface material (TIM) and a properly sized heatsink are mandatory. * **Dead Time:** When switching the high-side and low-side IGBTs in the same leg, a "dead time" must be programmed into the controller to prevent a short circuit (shoot-through).
    ✨ Follow-up Questions
    • ⤷ What are the recommended gate driver ICs for the MH75TDD-R?
    • ⤷ Can you explain the difference between the 'TDD' and 'TH' package types in Mitsubishi IGBTs?
    • ⤷ How do I calculate the power dissipation for this module under a specific load?