Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH76TAG-R

  • AI
    The **MH76TAG-R** is an electronic component primarily classified as a **High-Frequency (HF) RFID Transponder** or Tag. These are widely used in asset tracking, inventory management, and identification systems. --- ### 1. Technical Specifications The MH76TAG-R operates based on standard Near Field Communication (NFC) or High-Frequency RFID principles. Below are the typical technical characteristics: | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 13.56 MHz (HF Band) | | **Protocol** | ISO/IEC 15693 or ISO 14443A (Dependent on IC) | | **Memory Capacity** | Typically 512 bits to 2k bits | | **Read Range** | 2 cm to 10 cm (Depends on the reader power) | | **Form Factor** | Small, circular, or rectangular "Token" or "Tag" | | **Material** | Encapsulated PVC, Epoxy, or PPS (Heat resistant) | --- ### 2. Core Electronic Components The device is a **passive** electronic part, meaning it does not have an internal battery. It consists of three main internal elements: 1. **RFID Chip (IC):** The "brain" of the tag. It stores the unique ID (UID) and user data. It contains a small capacitor to store power harvested from the reader's magnetic field. 2. **Antenna Coil:** Usually made of etched copper or wound aluminum. It acts as an inductor to pick up the 13.56 MHz signal from the reader via inductive coupling. 3. **Encapsulation/Housing:** A protective layer that shields the delicate silicon chip and antenna from moisture, heat, and physical impact. --- ### 3. Functional Mechanism The operation of the MH76TAG-R follows these electronic steps: * **Power Harvesting:** When the tag enters the magnetic field of an RFID reader, the antenna coil creates a small electric current via **Electromagnetic Induction**. * **Activation:** This current powers up the internal IC. * **Data Transmission:** The IC modifies its internal impedance, which creates "backscatter" or load modulation. The reader detects these changes as binary data (the Tag ID). * **Data Integrity:** Most versions include CRC (Cyclic Redundancy Check) to ensure the ID is read without errors. --- ### 4. Common Applications Due to its robust design, the MH76TAG-R is frequently used in: * **Industrial Laundry:** Tracking garments through wash cycles (if heat-rated). * **Gas Cylinder Tracking:** Monitoring the lifecycle of high-pressure tanks. * **Tool Management:** Identifying specific power tools in a workshop. * **Access Control:** Used as a key fob for building security.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MH76TAG-R?
    • ⤷ Which RFID readers are compatible with 13.56 MHz tags?
    • ⤷ How does the memory structure differ between ISO 15693 and ISO 14443A?