Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH76TCG-R

  • AI
    The **MH76TCG-R** is a specific electronic component primarily identified as a **Micro-Switch** or **Snap Action Switch**. These components are widely used in industrial controls, home appliances, and automotive systems due to their reliability and rapid switching capabilities. --- ## 1. Core Specifications The MH76TCG-R is designed to handle low to medium power applications. Below are the typical technical parameters: | Parameter | Specification | |:---|:---| | **Switch Type** | Snap Action / Micro Switch | | **Actuator Style** | Lever (often a simulated roller or straight lever) | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | 0.1A to 5A (depending on voltage level) | | **Voltage Rating** | 125V AC / 250V AC | | **Terminal Type** | PCB Mount or Solder Terminals | | **Operating Force** | Light to Medium (approx. 50gf to 150gf) | --- ## 2. Key Electronic Features The "parts" or internal mechanisms of this switch work together to ensure precise electrical contact: ### A. The Contact Mechanism * **Snap Action:** Utilizes a spring-loaded mechanism that flips the contacts almost instantly regardless of how slowly the lever is pressed. This prevents "arcing" (sparks) and increases the lifespan of the switch. * **Bifurcated Contacts:** Often used in these models to provide high contact reliability even at low voltages. ### B. Terminal Configuration The switch typically features three pins: 1. **COM (Common):** The input power/signal pin. 2. **NO (Normally Open):** The circuit is open until the lever is pressed. 3. **NC (Normally Closed):** The circuit is closed until the lever is pressed. ### C. Housing Materials * **Thermoplastic/Phenolic Resin:** The outer casing provides high electrical insulation and heat resistance. * **Ingress Protection:** Depending on the specific "R" suffix variant, it may feature a level of dust resistance. --- ## 3. Common Applications The MH76TCG-R is frequently found in the following scenarios: * **Limit Switching:** Detecting the position of a moving part in a printer or CNC machine. * **Safety Interlocks:** Ensuring a microwave door or washing machine lid is closed before operation. * **User Interface:** Acting as the "click" mechanism in high-durability buttons. --- ## 4. Part Number Breakdown (Typical) While manufacturers vary, the suffix codes usually indicate: * **MH76:** Series identifier (Physical size/Frame). * **TCG:** Contact material/plating (often Gold or Silver alloy). * **-R:** Refers to the **RoHS Compliance** (Lead-free) or a specific **Right-angle** terminal orientation.
    ✨ Follow-up Questions
    • ⤷What is the maximum mechanical lifespan of the MH76TCG-R?
    • ⤷ How does the gold plating in the TCG variant affect signal conductivity?
    • ⤷ What is the difference between the 'Normally Open' and 'Normally Closed' wiring for this switch?