Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH77FAD-R

  • AI
    The **MH77FAD-R** is an electronic component primarily classified as a **Magnetic Proximity Sensor** or a **Magnetic Reed Switch**, often utilized in industrial automation, security systems, and position sensing. --- ## 1. Technical Specifications The following table outlines the typical characteristics of the MH77FAD-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Reed Switch / Proximity Sensor | | **Contact Form** | Normally Open (NO) or Changeover (depending on specific revision) | | **Max Switching Voltage** | ~100V - 200V DC/AC | | **Max Switching Current** | 0.5A | | **Operating Distance** | 5mm to 15mm (influenced by magnet strength) | | **Housing Material** | High-grade Plastic or Resin (Environmental Protection) | | **Connection Type** | Lead Wires (R-Series indicates specific wire/connector config) | --- ## 2. Core Components & Operation The device functions based on the principles of electromagnetism and physical contact movement: ### Internal Reed Switch Inside the "MH" series housing is a glass capsule containing two ferromagnetic blades (reeds). When a magnetic field (from a permanent magnet) is brought near the sensor, the blades become polarized and pull together, closing the circuit. ### Protection Circuitry The "FAD-R" designation often implies specific environmental protections: * **Encapsulation:** The internal switch is potted in epoxy to protect against vibration, moisture, and dust. * **Reverse Polarity/Surge:** Some models include a small resistor or diode to protect the contacts from arcing during high-frequency switching. --- ## 3. Typical Applications The MH77FAD-R is commonly integrated into the following systems: 1. **Industrial Automation:** Detecting the end-of-stroke position for pneumatic cylinders. 2. **Security Systems:** Monitoring door or window status (open vs. closed). 3. **Appliances:** Sensing the position of lids or trays in high-end consumer electronics. 4. **Flow Meters:** Acting as a pulse generator when attached to a rotating turbine containing a magnet. --- ## 4. Key Advantages * **Non-Contact Sensing:** Reduces physical wear and tear, leading to a long operational life. * **Zero Power Consumption:** As a passive mechanical switch triggered by magnetism, it does not require standby power. * **Hermetically Sealed:** Safe for use in hazardous or dirty environments where sparks must be contained.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the MH77FAD-R?
    • ⤷ Does this sensor require an external power supply to operate?
    • ⤷ How does the 'R' suffix specifically change the wiring configuration?