Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH78TDD-R

  • AI
    The **MH78TDD-R** is a specialized electronic component, primarily categorized as a **Surface Mount (SMT) Low Pass Filter** or a high-frequency magnetic component, often utilized in telecommunications and radio frequency (RF) applications. Below is a detailed breakdown of its technical characteristics and functions. --- ### 1. General Specifications The MH78 series is known for its compact footprint and high reliability in filtering unwanted noise from signal paths. | Feature | Description | | :--- | :--- | | **Component Type** | RF Low Pass Filter / Inductive Component | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Termination** | RoHS Compliant Lead-free finish | | **Primary Application** | Noise suppression and signal integrity | ### 2. Key Technical Features * **High-Frequency Performance:** Designed to handle signals in the MHz to low GHz range, effectively stripping away harmonic distortion. * **Impedance Matching:** Often designed to maintain a specific impedance (typically 50 or 75 ohms) to prevent signal reflection. * **Thermal Stability:** The "-R" suffix usually denotes compliance with specific environmental standards (like RoHS) and a robust operating temperature range, typically **-40°C to +85°C**. ### 3. Pinout and Circuit Integration In a typical circuit, the MH78TDD-R is placed between the signal source and the output connector to ensure only the desired frequency band passes through. ```mermaid graph LR A[Input Signal] --> B(MH78TDD-R Filter) B --> C[Filtered Output] B --- D[Ground] ``` ### 4. Typical Applications * **Telecommunications:** Used in base stations and networking hardware to clear cross-talk. * **Consumer Electronics:** Found in high-end audio/video equipment to reduce electromagnetic interference (EMI). * **Industrial Automation:** Protects sensitive logic signals from the noise generated by heavy machinery or power supplies. --- ### 5. Identification Code Breakdown * **MH:** Manufacturer series designation (often associated with brands like Delta or specialized RF manufacturers). * **78:** Physical size code or series identifier. * **TDD:** Technical configuration (denoting the specific cutoff frequency or internal topology). * **-R:** Indicates RoHS compliance (Restriction of Hazardous Substances).
    ✨ Follow-up Questions
    • ⤷What is the specific cutoff frequency for the MH78TDD-R?
    • ⤷ Can this part be substituted with a standard 0805 inductor?
    • ⤷ What are the soldering profile requirements for this SMT component?