Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHCI06030-R22M-R8A

  • AI
    The **MHCI06030-R22M-R8A** is a high-current, surface-mount (SMD) power inductor. These components are typically used in power management circuits to store energy and filter noise. ### 1. Part Number Deciphering Based on industry naming conventions (commonly used by manufacturers like Mag.Layers or similar high-current inductor brands), the part number breaks down as follows: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | MHCI | Molded High Current Inductor | | **Size** | 06030 | Dimensions (approx. 6.6mm x 6.4mm x 3.0mm) | | **Inductance** | R22 | 0.22 microhenries (µH) | | **Tolerance** | M | ±20% | | **Current/Spec** | R8A | Performance/Series Revision (often indicates high saturation) | --- ### 2. Key Technical Specifications While exact specifications can vary slightly by brand, a component with this nomenclature generally falls within these parameters: * **Inductance:** 0.22 µH. * **DC Resistance (DCR):** Extremely low (typically < 2.0 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** Very high (often 20A - 35A), meaning it maintains inductance even under heavy loads. * **Heating Current ($I_{rms}$):** The current that causes a 40°C temperature rise (usually 15A - 25A). * **Construction:** Metal alloy powder molding, which provides excellent magnetic shielding and reduces "buzz" noise (acoustic noise). --- ### 3. Core Features and Applications The "Molded" nature of this inductor is its most important physical characteristic. #### Features * **Shielded Design:** The molded construction naturally shields magnetic interference (EMI). * **High Stability:** Maintains performance across a wide temperature range (typically -55°C to +125°C). * **Compact Footprint:** High power density relative to its 6x6mm size. #### Common Applications 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs for high-speed switching. 2. **DC/DC Converters:** Found in laptop power rails and distributed power systems. 3. **Battery Powered Devices:** High efficiency helps extend battery life. 4. **Automotive Electronics:** Used in infotainment or advanced driver-assistance systems (ADAS) if AEC-Q200 qualified. --- ### 4. Comparison with Standard Inductors | Feature | MHCI (Molded) | Standard Wire-Wound | | :--- | :--- | :--- | | **Saturation** | Soft Saturation (Gradual) | Hard Saturation (Sudden drop) | | **EMI** | Very Low | Higher | | **Durability** | High (Solid block) | Lower (Exposed wires/fragile core) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between soft and hard saturation in power inductors?
    • ⤷ How does DCR affect the efficiency of a DC/DC converter?
    • ⤷ Which manufacturers produce the MHCI series or direct equivalents?