Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHCI06030-R82M-R8A

  • AI
    The **MHCI06030-R82M-R8A** is a high-current, shielded power inductor typically used in DC-DC converter applications. It is designed for high-density power supplies where space, efficiency, and electromagnetic interference (EMI) control are critical. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **MHCI** | Series Name | High Current Molded Inductor | | **06030** | Dimensions | Approx. 6.6 x 6.4 x 3.0 mm | | **R82** | Inductance Value | 0.82 µH | | **M** | Tolerance | ±20% | | **R8A** | Internal Code | Specific material or revision code | --- ### 2. Key Technical Specifications Based on standard industry parameters for this series: * **Inductance:** 0.82 µH (Microhenries). * **DC Resistance (DCR):** Usually very low (typically < 10 mΩ) to minimize power loss. * **Isat (Saturation Current):** The current level where inductance drops by a specific percentage (e.g., 20-30%). These are typically rated for 15A to 25A. * **Irms (Rated Current):** The continuous current that causes a specific temperature rise (usually 40°C). * **Shielding:** Magnetically shielded construction (molded powder) to reduce EMI. --- ### 3. Construction and Material The "MHCI" series uses **Molded Powder Technology**: * **Core Material:** Iron powder or alloy powder pressed around the copper coil. * **Benefits:** This creates a "soft saturation" characteristic, meaning the inductor doesn't lose its effectiveness suddenly when current spikes. * **Shielding:** The molded body acts as a natural shield, containing the magnetic flux within the component. --- ### 4. Common Applications This inductor is commonly found in the following circuits: 1. **Voltage Regulator Modules (VRMs):** Used in motherboards and GPU power phases. 2. **DC/DC Converters:** Point-of-load (POL) converters for telecommunications. 3. **Battery Powered Devices:** High-efficiency power management for portable electronics. 4. **Automotive:** (If AEC-Q200 qualified) used in infotainment or ADAS power rails. --- ### 5. Performance Advantages * **Compact Footprint:** High power density compared to traditional wire-wound ferrite inductors. * **Low Buzz Noise:** The molded construction minimizes acoustic noise caused by magnetostriction. * **Thermal Stability:** Excellent performance across a wide temperature range (typically -55°C to +125°C).
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents for this inductor from brands like Vishay or Coilcraft?
    • ⤷ How does 'soft saturation' in molded inductors differ from ferrite core inductors?
    • ⤷ What is the specific DCR value for the R82M variant in this series?