Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+14TFD-R

  • AI
    The **MHO+14TFD-R** is a specific series of high-precision crystal oscillators, typically manufactured by companies like **MtronPTI**. These components are categorized as **TCXOs** (Temperature Compensated Crystal Oscillators) or high-stability clock oscillators used in telecommunications and industrial timing. --- ### 1. Component Identification & Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Crystal Oscillator | Provides a stable clock frequency. | | **Package** | 14-pin DIP | Through-hole rectangular metal package. | | **Stability** | Temperature Compensated | Minimal frequency drift across temperature ranges. | | **Output Type** | CMOS/TTL | Compatible with standard digital logic levels. | | **Voltage** | Typically 5.0V or 3.3V | Standard supply voltage for active oscillators. | ### 2. Key Electronic Features * **Temperature Compensation:** Unlike standard crystals, the "T" in the series often signifies temperature compensation circuitry, ensuring the frequency remains stable even as the device heats up. * **Hermetic Sealing:** The metal "14-pin DIP" housing is hermetically sealed to protect the quartz crystal from humidity and atmospheric pressure changes. * **Low Jitter:** These parts are engineered for low phase noise, which is critical for high-speed data transmission. * **RoHS Compliant:** The "-R" suffix indicates that the part is Lead-Free and compliant with environmental regulations. ### 3. Pin Configuration (Typical 14-pin DIP) While it uses a 14-pin footprint, usually only 4 pins are electrically active: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | N/C or Tri-state | Often used for Output Enable or left unconnected. | | **Pin 7** | Ground | Circuit common / Case Ground. | | **Pin 8** | Output | The generated square wave frequency. | | **Pin 14** | Vcc | Positive supply voltage. | ### 4. Common Applications Due to its high stability and through-hole design, the MHO+14TFD-R is commonly found in: 1. **Legacy Networking Gear:** Base stations and older routers. 2. **Test & Measurement:** Oscilloscopes and frequency counters. 3. **Industrial Controllers:** Timing for PLC (Programmable Logic Controllers). 4. **Radio Communication:** Maintaining stable carrier frequencies. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range available for the MHO+14TFD-R series?
    • ⤷ How does a TCXO differ from a standard XO in terms of parts count?
    • ⤷ Are there surface-mount (SMD) equivalents for this through-hole part?