Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+22FGD-R

  • AI
    The **MHO+22FGD-R** typically refers to a specialized **Magnetic Proximity Sensor** or a **Limit Switch assembly**, often utilized in industrial automation, pneumatic cylinder position sensing, or gate control systems. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications This part is designed to detect the presence of a magnetic field (usually from a magnet mounted on a piston or moving part) to complete an electrical circuit. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch / Solid State | | **Output Type** | Normally Open (NO) | | **Operating Voltage** | 5V - 240V AC/DC (varies by specific model) | | **Switching Current** | 100mA Max | | **Contact Rating** | 10W Max | | **Indicator** | Red LED (usually denoted by the "R" suffix) | --- ### 2. Internal Electronic Parts The device consists of several key electronic components housed within the plastic/metal casing: #### A. The Sensing Element (Reed Switch) * **Composition:** Two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. * **Function:** When a magnetic field approaches, the blades become polarized and attract each other, closing the circuit. #### B. LED Indicator Circuit * **LED (Red):** The "R" in the model number typically signifies a Red LED indicator. * **Resistor:** A current-limiting resistor is wired in series with the LED to prevent it from burning out when the operating voltage is applied. * **Purpose:** Provides visual feedback to the operator that the sensor has been triggered. #### C. Protection Components * **Varistor/Zener Diode:** Often included to protect the internal reed contacts from voltage spikes (EMF) caused by inductive loads like solenoids or relays. --- ### 3. Wiring Configuration Most MHO series sensors use a standard 2-wire configuration for ease of installation. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Positive (+) | Connects to the Power Source (Load Side) | | **Blue** | Negative (-) | Connects to the Common/Neutral | --- ### 4. Application Logic The electronic operation follows this sequence: 1. **Standby:** The reeds are separated; the circuit is open; the LED is OFF. 2. **Activation:** A magnet moves within the sensing range (Sensitivity range usually 5-10mm). 3. **Conduction:** The reeds touch; current flows through the load and the internal LED; the LED turns ON. --- ### 5. Installation Diagram (Conceptual) ```mermaid graph LR A[Power Source +] --> B[Load/PLC Input] B --> C(Brown Wire) C --> D[MHO+22FGD-R Sensor] D --> E(Blue Wire) E --> F[Power Source -] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this sensor model?
    • ⤷ Can this sensor be used with a 3-wire NPN/PNP configuration?
    • ⤷ How does the 'FGD' designation differ from standard MHO models?