Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+24TCD-R

  • AI
    The **MHO+24TCD-R** is a specific model of a **Miniature High-Voltage Power Supply** or high-voltage amplifier module, often utilized in precision scientific equipment, medical imaging, or mass spectrometry. --- ### 1. General Specifications While specifications can vary slightly by manufacturer (often associated with brands like Matsusada Precision or specialized high-voltage vendors), the nomenclature typically breaks down as follows: | Parameter | Specification Details | | :--- | :--- | | **Input Voltage** | Typically +24V DC | | **Output Type** | Reversible (R) or Dual Polarity capability | | **Package Style** | PCB Mountable or Compact Chassis | | **Output Voltage Range** | Usually up to several kV (the "MHO" series typically covers 1kV to 5kV ranges) | | **Control Interface** | Analog control (0-10V or 0-5V) for output programming | --- ### 2. Key Electronic Components & Sub-systems The internal architecture of this module consists of several critical electronic stages: 1. **Input Filter & Protection:** * Contains capacitors and inductors to filter noise from the +24V DC input rail. * Includes diodes for reverse polarity protection to prevent damage if wired incorrectly. 2. **DC-AC Inverter:** * Utilizes a high-frequency switching circuit (MOSFETs/Transistors) to convert DC into an AC waveform. 3. **High-Frequency Transformer:** * A step-up transformer with a high turns-ratio to boost the low-voltage AC to several kilovolts. 4. **Voltage Multiplier (Cockcroft-Walton Cascade):** * A network of high-voltage diodes and ceramic capacitors that rectifies and further multiplies the AC voltage into a stable DC high-voltage output. 5. **Feedback Control Loop:** * **Voltage Divider:** A high-precision resistor string that scales the output voltage down to a measurable low-voltage level. * **Error Amplifier:** Compares the feedback signal against your control input to maintain a stable, regulated output regardless of load changes. --- ### 3. Connection Pinout (Typical) Most modules in this series follow a standard pin configuration for integration: | Pin Name | Function | | :--- | :--- | | **Vcc** | +24V DC Input power | | **GND** | Common Ground / Return | | **V-CONT** | Voltage Control (Analog input to set the output voltage) | | **V-MON** | Voltage Monitor (Output signal to read the actual output voltage) | | **HV-OUT** | High Voltage Output (Via shielded lead or specialized pin) | --- ### 4. Safety and Handling * **Creepage and Clearance:** The PCB design around this part must maintain specific distances to prevent arcing. * **Isolation:** The "R" suffix often indicates reversible polarity or high isolation, requiring careful grounding of the case. * **Discharge Time:** High-voltage capacitors inside the unit may hold a charge even after the 24V input is removed.
    ✨ Follow-up Questions
    • ⤷What is the maximum output current for the MHO+24TCD-R?
    • ⤷ How do I wire the V-CONT pin for external control?
    • ⤷ What are the common failure modes for these high-voltage modules?