Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+27FFD-R

  • AI
    The **MHO+27FFD-R** is a specific high-performance gaming monitor from the brand **MHO**. While complete technical internal schematics are proprietary, we can break down its electronic architecture based on its specifications (27-inch, Full HD, High Refresh Rate). --- ## 1. Core Electronic Components The monitor functions through the coordination of several key internal circuit boards and modules: | Component | Function | Description | | :--- | :--- | :--- | | **AD Board (Main Board)** | The "Brain" | Processes incoming signals (HDMI/DP). Contains the Scaler IC that handles refresh rates and resolution scaling. | | **T-CON Board** | Timing Controller | Translates the AD board's data into signals the LCD panel pixels can understand. | | **Inverter / LED Driver** | Power Regulation | Converts power to the specific voltage required to light the W-LED backlight strips. | | **LCD Panel (Fast IPS/VA)** | Visual Output | The liquid crystal layer that modulates light to create the image. | --- ## 2. Key Technical Specifications The electronics are tuned to support the following hardware capabilities: * **Panel Type:** Typically utilizes a **Fast IPS** or **VA** panel to balance color accuracy and response time. * **Refresh Rate Support:** The circuitry is designed to handle up to **165Hz or 180Hz** (model dependent), requiring high-bandwidth capacitors and stable signal processing. * **Response Time Circuitry:** Features "Overdrive" (OD) circuits to push the liquid crystals faster, reducing motion blur (usually 1ms MPRT). --- ## 3. Connectivity & Signal Processing The **MHO+27FFD-R** utilizes specific ports that require dedicated interface controllers: ### Supported Interfaces: * **HDMI 2.0:** Supports high-speed digital audio and video. * **DisplayPort (DP) 1.2/1.4:** Essential for reaching the maximum refresh rate and supporting **Adaptive-Sync** (G-Sync/FreeSync) via the internal logic controller. * **DC Power Jack:** Usually 12V/3A or 12V/4A, indicating an external power brick to keep the monitor slim and reduce internal heat. --- ## 4. Firmware & Logic Features The integrated circuits (ICs) on the mainboard are programmed with firmware to provide: 1. **OSD (On-Screen Display):** Controls for brightness, contrast, and "Game Plus" features (crosshairs, timers). 2. **Blue Light Filter:** Electronic attenuation of short-wave blue light at the hardware level. 3. **Flicker-Free Technology:** Uses **DC (Direct Current) Dimming** instead of PWM (Pulse Width Modulation) to prevent backlight flickering.
    ✨ Follow-up Questions
    • ⤷ How do I enable the 165Hz/180Hz mode in the monitor settings?
    • ⤷ What type of power adapter is compatible with the MHO+27FFD-R?
    • ⤷ Does this model support HDR through its electronic hardware?