Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+31FDG-R

  • AI
    The **MHO+31FDG-R** is a specific model within the **MHO Series** of high-stability, high-precision clock oscillators (specifically a **TCXO** - Temperature Compensated Crystal Oscillator) manufactured by **MtronPTI**. These components are critical in telecommunications and radio frequency applications where frequency stability is paramount. --- ### 1. Part Number Breakdown Understanding the electronic characteristics requires decoding the part number: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **MHO** | Series Name | 14-pin DIP compatible TCXO / VCTCXO | | **+** | RoHS Compliance | Lead-free / RoHS compliant construction | | **3** | Operating Voltage | 3.3 Volts DC | | **1** | Stability | ±1.0 ppm (parts per million) | | **FD** | Temperature Range | -40°C to +85°C (Industrial Grade) | | **G** | Output Type | HCMOS / TTL Compatible | | **-R** | Feature | Specifically denotes "Reference" or "RoHS" depending on internal revision | --- ### 2. Key Electronic Specifications The MHO+31FDG-R is designed to maintain a consistent frequency even as environmental temperatures change. * **Frequency Range:** Typically available from 1.0 MHz to 160.0 MHz (specific to the tuned crystal inside). * **Supply Voltage ($V_{dd}$):** $3.3V \pm 5\%$. * **Frequency Stability:** $\pm 1.0$ ppm. This is exceptionally high precision compared to standard crystals (which are usually $\pm 20$ to $\pm 50$ ppm). * **Output Load:** 15 pF (Standard HCMOS load). * **Aging:** Approximately $\pm 1.0$ ppm per year. * **Current Consumption:** Generally between 10mA to 30mA depending on the operating frequency. --- ### 3. Internal Components & Architecture The "Electronic Parts" inside this shielded metal can consist of: 1. **AT-Cut Quartz Crystal:** The primary resonating element. 2. **Compensation Network:** An analog circuit (thermistor-resistor network) or a digital ASIC that senses the ambient temperature and applies a correction voltage to a varactor diode. 3. **Varactor Diode:** Changes capacitance based on the compensation voltage to "pull" the crystal back to its nominal frequency. 4. **Buffer Amplifier:** Ensures the output signal is strong enough to drive downstream digital components (HCMOS/TTL levels) without loading the crystal. --- ### 4. Pinout Configuration (Standard 14-pin DIP) Though it has the footprint of a 14-pin IC, only four pins are typically active: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | N/C or V_con | No connection or Voltage Control (if VCTCXO) | | **Pin 7** | Case Ground | Connect to system ground | | **Pin 8** | Output | The generated clock signal | | **Pin 14** | $V_{cc}$ | Positive supply voltage (3.3V) | --- ### 5. Common Applications * **Basestations:** Maintaining sync in cellular networks (LTE/5G). * **GPS Receivers:** High precision is needed for satellite signal locking. * **Ethernet Switches:** Timing for high-speed data packets. * **Test & Measurement:** Internal clocking for oscilloscopes and counters.
    ✨ Follow-up Questions
    • ⤷What is the difference between a TCXO and a VCTCXO in the MHO series?
    • ⤷ How does the +/- 1.0 ppm stability impact high-speed data transmission?
    • ⤷ Can the MHO+31FDG-R be used in automotive environments?