Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+32FDD-R

  • AI
    The **MHO+32FDD-R** is a specific part number typically associated with **MHO+ series High-Stability Oven Controlled Crystal Oscillators (OCXO)** or high-precision oscillators manufactured by companies like MtronPTI. These components are used in telecommunications and networking equipment where precise timing and frequency control are critical. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Output Frequency** | Usually 32.768 MHz (Common for this series) | | **Package Type** | DIP-14 or SMD (depending on full suffix) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Output Type** | CMOS / HCMOS | | **Stability** | ±100 ppb to ±500 ppb (Over Temp Range) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Breakdown of the Part Number While internal manufacturer codes can vary, the alphanumeric string generally represents the following: * **MHO+**: The series name (High-precision oscillator). * **32**: Often refers to the base frequency (e.g., 32 MHz range). * **F**: Stability or Temperature grade code. * **DD**: Package style or specific voltage variant. * **-R**: RoHS Compliant (Lead-free). --- ### 3. Electronic Functionality The MHO+32FDD-R serves as the "heartbeat" of a circuit. Its internal architecture includes: 1. **Quartz Crystal Resonator:** Provides the mechanical vibration at a specific frequency. 2. **Varactor Diode:** Used for frequency tuning or compensation. 3. **Temperature Compensation Circuit:** Ensures the frequency does not drift as the ambient temperature changes. 4. **Output Buffer:** Ensures the signal is strong enough to drive multiple digital loads without distorting the waveform. --- ### 4. Common Applications * **Basestations:** Synchronizing wireless signals in 4G/5G hardware. * **Test & Measurement:** Providing a reference clock for oscilloscopes and signal generators. * **Network Switches:** Ensuring data packets are timed correctly across high-speed Ethernet ports. --- ### 5. Implementation Example To use this part in a digital circuit, a standard decoupling capacitor is required near the $V_{cc}$ pin. ```c // Typical Pin Configuration (DIP-14 Style) Pin 1: N/C or Control Voltage (VC) Pin 7: Case Ground (GND) Pin 8: Output Signal (Frequency) Pin 14: Supply Voltage (Vcc) ```
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the MHO+32FDD-R?
    • ⤷ Can this part be substituted with a standard TCXO?
    • ⤷ What are the power consumption requirements for this oscillator?