Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+37FCD-R

  • AI
    The **MHO+37FCD-R** is a high-performance, precision **Oven Controlled Crystal Oscillator (OCXO)** manufactured by MtronPTI. These components are critical in telecommunications and broadcasting because they maintain a highly stable frequency regardless of external temperature fluctuations. --- ### 1. Technical Specifications The following table outlines the typical characteristics found in the MHO+37 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | Usually 10.000 MHz to 20.000 MHz | | **Package Style** | Through-hole (DIL-14 equivalent footprint) | | **Stability vs. Temp** | $\pm 5 \times 10^{-8}$ to $\pm 1 \times 10^{-7}$ | | **Supply Voltage** | +3.3V or +5.0V DC | | **Output Type** | CMOS / HCMOS | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Internal Electronic Parts The stability of the MHO+37FCD-R is achieved through a combination of several internal electronic subsystems: 1. **The Quartz Crystal:** The heart of the unit, usually an "SC-cut" (Stress Compensated) crystal, which is less sensitive to thermal gradients and mechanical stress than standard AT-cut crystals. 2. **The "Oven" (Heating Element):** A power transistor or resistive heating element controlled by a feedback loop. It keeps the crystal at a specific "turnover temperature" (usually around 75°C to 80°C) where the frequency change is minimal. 3. **Theristor / Temp Sensor:** A high-precision sensor that monitors the internal temperature of the crystal chamber to provide data to the heater controller. 4. **Varactor Diode:** Used in the "Electronic Frequency Control" (EFC) circuit. By changing the voltage on this diode, the capacitance of the oscillation circuit changes, allowing for fine-tuning of the output frequency. 5. **Voltage Regulator:** Internal low-dropout (LDO) regulators ensure that noise on the power line does not translate into "jitter" or frequency instability. --- ### 3. Pinout Configuration Typically, the MHO+37 series follows an industry-standard pinout for OCXOs: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vc (EFC) | Control voltage for frequency tuning | | **7** | Ground | Case and Circuit Ground | | **8** | Output | RF Output (CMOS/HCMOS) | | **14** | Vcc | Supply Voltage Input | --- ### 4. Common Applications * **Base Stations:** Providing the master clock for 4G/5G cellular towers. * **GPS Receivers:** Serving as a local oscillator for satellite signal synchronization. * **Test Equipment:** Used in frequency counters and spectrum analyzers. * **Network Switches:** Ensuring Synchronous Ethernet (SyncE) stability.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an OCXO like the MHO+37 and a standard TCXO?
    • ⤷ How does the 'SC-cut' crystal improve performance in these units?
    • ⤷ What are the power consumption requirements during the 'warm-up' phase?