Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+37TAD-R

  • AI
    The **MHO+37TAD-R** is a specific series of high-precision crystal oscillators, typically manufactured by companies like **MtronPTI**. These components are widely used in telecommunications, networking, and industrial applications where stable clock signals are required. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Characteristic | Specification | Notes | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | Fixed frequency output | | **Package Style** | 14-pin DIP (Full size) | Metal thru-hole package for shielding | | **Output Type** | HCMOS/TTL Compatible | Standard digital signal levels | | **Supply Voltage** | 5.0V (Standard) | High voltage tolerance for legacy systems | | **Frequency Stability** | ±100 ppm to ±25 ppm | Varies by specific dash suffix | | **Temperature Range** | -40°C to +85°C | Industrial grade (standard suffix) | --- ### 2. Key Internal Components An oscillator like the MHO+37TAD-R is an integrated circuit assembly containing several critical electronic parts: * **Quartz Crystal Blank:** The "heart" of the device. It uses the piezoelectric effect to vibrate at a precise resonant frequency. * **Oscillator IC:** An internal amplifier circuit that maintains the vibration of the crystal and converts it into a clean square wave. * **Bypass Capacitors:** Internal surface-mount capacitors used to filter electrical noise from the power supply. * **Hermetic Metal Case:** The metal "can" acts as a Faraday cage to protect the internal electronics from Electromagnetic Interference (EMI) and moisture. --- ### 3. Pin Configuration (14-Pin DIP Layout) Although it has a 14-pin footprint, usually only 4 pins are electrically active: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | N/C or Tri-state | Often used for Enable/Disable functions | | **Pin 7** | Ground (GND) | Connected to the metal case for shielding | | **Pin 8** | Output | The generated clock signal (square wave) | | **Pin 14** | Vcc | +5.0V Power Input | --- ### 4. Applications The MHO series is chosen for its robustness and reliability in "mission-critical" environments: * **Base Stations:** For timing synchronization in cellular networks. * **Ethernet Switches:** Providing the master clock for data packet processing. * **Embedded Systems:** Used in industrial PLCs (Programmable Logic Controllers).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MHO and MHE series from MtronPTI?
    • ⤷ How does the 'Tri-state' function on Pin 1 work in this oscillator?
    • ⤷ What are the common failure modes for hermetically sealed crystal oscillators?