Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+43TCD-R

  • AI
    The **MHO+43TCD-R** is a specific model of a **TFT Liquid Crystal Display (LCD)** module, commonly used in industrial equipment, medical devices, or specialized consumer electronics. Below is a breakdown of its electronic components, specifications, and architecture. --- ## 1. Core Technical Specifications This module is typically a color active-matrix TFT LCD. Here are the primary electronic parameters: | Parameter | Specification | | :--- | :--- | | **Display Type** | TFT-LCD (Thin Film Transistor) | | **Diagonal Size** | 4.3 Inches | | **Resolution** | 480 x 272 Pixels (WQVGA) | | **Interface** | 24-bit RGB (Parallel) | | **Backlight** | White LED (typically 7-10 LEDs in series/parallel) | | **Touch Panel** | Resistive Touch (indicated by the "-R" suffix) | --- ## 2. Key Electronic Components ### A. The TFT Panel Layer The "Heart" of the module consists of a glass substrate containing a matrix of thin-film transistors. These act as switches for each sub-pixel (Red, Green, Blue), controlling the liquid crystal orientation via voltage levels. ### B. Display Driver IC (Source/Gate Driver) The module integrates a driver chip (often a Himax or Sitronix compatible controller) mounted directly on the glass (**COG - Chip on Glass**). * **Function:** It converts the digital RGB signals from your microcontroller (MCU) into analog voltages to drive the pixels. * **Registers:** Internal registers allow for software control of contrast, gamma correction, and orientation. ### C. LED Backlight Circuit The "TCD" designation usually refers to a high-brightness LED configuration. * **Electronic Parts:** A string of White LEDs. * **Driving Requirement:** Requires a constant current LED driver (usually 15V - 25V depending on the series string) to prevent burnout. ### D. Resistive Touch Layer (The "-R" Component) The **-R** suffix signifies a **Resistive Touch Screen**. * **Construction:** Two transparent conductive layers (ITO) separated by spacer dots. * **Electronics:** It outputs 4 analog signals (X+, X-, Y+, Y-). A touch event creates a voltage divider, which an external ADC (Analog-to-Digital Converter) or a dedicated Touch IC translates into coordinates. --- ## 3. Interface and Connectivity The module connects to a mainboard via a **40-pin FPC (Flexible Printed Circuit)** cable. ### Pinout Categories: 1. **Power (VCC/VDD):** Usually 3.3V for the digital logic. 2. **Data (D0-D23):** Parallel RGB data lines for 24-bit color. 3. **Control Signals:** * **PCLK:** Pixel Clock. * **HSYNC/VSYNC:** Horizontal and Vertical synchronization. * **DE:** Data Enable. 4. **Backlight (LEDA/LEDK):** Anode and Cathode for the LED backlight. 5. **Touch (X/Y):** Four pins for the resistive touch interface. --- ## 4. Application Circuit Diagram (High-Level) ```mermaid graph LR A[Microcontroller/SoC] -- 24-bit RGB --> B[MHO+43TCD-R Module] A -- PWM Signal --> C[LED Driver IC] C -- High Voltage/CC --> B B -- Analog X/Y --> D[Touch Controller/ADC] D -- I2C/SPI --> A ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 40-pin FPC connector?
    • ⤷ Which LED driver IC is recommended for the backlight of this 4.3 inch display?
    • ⤷ How do I calibrate the resistive touch screen coordinates in software?