Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+44TAG-R

  • AI
    The **MHO+44TAG-R** is a specific model of an **Incremental Optical Rotary Encoder**, typically manufactured by companies like **Hengstler** or under specific industrial automation brandings. It is designed to convert the angular position or motion of a shaft into analog or digital signals. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Specifications The "Electronic Parts" of this device refer to the internal circuitry and output characteristics. | Feature | Specification Details | | :--- | :--- | | **Output Signal** | Incremental (A, B, and Zero Index Z) | | **Supply Voltage (Vcc)** | Typically 5V DC or 10-30V DC (Wide range) | | **Current Consumption** | ~40mA to 60mA (without load) | | **Pulse Frequency** | Up to 200 kHz - 300 kHz | | **Output Driver** | Push-Pull (HTL) or RS422 (TTL/Line Driver) | | **Connection Type** | Radial Cable or M23/M12 Connector | --- ## 2. Key Internal Components The MHO+44TAG-R functions through the interaction of these primary electronic assemblies: ### A. The Optical Sensor Assembly * **LED Emitter:** A high-reliability infrared light source that shines through the coded disc. * **Photo-Detector Array:** A customized ASIC (Application Specific Integrated Circuit) that receives light and converts it into electrical currents. ### B. The Coded Disc * A high-precision glass or plastic disc with etched lines. The "44" in the part number often correlates to a specific resolution or physical diameter characteristic within the series. ### C. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** Squares the raw analog sine waves from the sensors into clean digital pulses. * **Line Driver:** An integrated circuit (like the ET7272 or similar) that amplifies the signal to ensure it can travel over long cables without interference. --- ## 3. Wiring and Pin Configuration Standard color coding for the MHO series electronic interface (may vary by specific sub-variant): | Wire Color | Signal Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc | Positive Power Supply | | **White** | 0V (GND) | Common Ground | | **Green** | A | Channel A (Position) | | **Yellow** | B | Channel B (Direction) | | **Grey** | Z | Index Pulse (Reference) | | **Shield** | Case | Electromagnetic Protection | --- ## 4. Environmental Protection (Electronic Integrity) To ensure the electronics do not fail in industrial environments, the "R" suffix often indicates specific ruggedization: * **IP Rating:** Typically IP64 or IP67 (dust and water protection). * **ESD Protection:** Internal components are shielded against electrostatic discharge. * **Reverse Polarity Protection:** Prevents damage if the Vcc and GND wires are accidentally swapped.
    ✨ Follow-up Questions
    • ⤷ What is the exact pulse per revolution (PPR) for this specific model?
    • ⤷ How do I troubleshoot a 'No Signal' error from the MHO+44TAG-R?
    • ⤷ Can this encoder be interfaced directly with a 24V PLC input?