Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+52FFD-R

  • AI
    The **MHO+52FFD-R** is a specific type of **Crystal Oscillator** (specifically an Oven Controlled or Temperature Compensated high-precision oscillator variant, typically categorized under the MHO series). These components are critical for providing a stable clock signal in electronic circuits. ### 1. Key Technical Specifications Based on the standard nomenclature for the MHO series, here are the general technical parameters: | Parameter | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Type** | DIL-14 (Dual In-Line) or Half-Size DIL | | **Frequency Range** | Typically 1.000 MHz to 100.000 MHz | | **Supply Voltage** | Usually 5.0V or 3.3V DC | | **Output Logic** | TTL or CMOS compatible | | **Stability** | High precision (ranges from ±25ppm to ±100ppm) | | **Operating Temp** | -10°C to +70°C (Standard Industrial) | --- ### 2. Breakdown of the Part Number The suffix and prefix provide specific information about the part's build: * **MHO:** Series designation (often indicating a Metal Hermetic package). * **52:** Usually refers to the voltage and stability class (e.g., 5.0V supply). * **F:** Often denotes the symmetry/duty cycle requirements (e.g., 45/55%). * **FD:** May indicate a specific frequency tolerance or "Fixed" frequency output. * **-R:** **RoHS Compliant.** This indicates the part is manufactured without hazardous materials like lead. --- ### 3. Internal Components and Function The MHO+52FFD-R consists of several internal parts working in unison: 1. **Quartz Crystal Slice:** The heart of the component. It uses the piezoelectric effect to vibrate at a precise frequency when voltage is applied. 2. **Oscillator IC:** An internal integrated circuit that amplifies the signal from the crystal and converts it into a clean square wave (TTL/CMOS). 3. **Varactor Diodes (if TCXO):** Used to adjust the frequency slightly to compensate for temperature changes. 4. **Bypass Capacitors:** Internal surface-mount capacitors used to filter noise from the power supply. 5. **Metal Housing:** A hermetically sealed metal "can" that protects the quartz from moisture and electromagnetic interference (EMI). --- ### 4. Typical Applications These oscillators are found in devices requiring reliable timing: * **Telecommunications:** Base stations and switching equipment. * **Microprocessors:** Providing the "heartbeat" for CPUs and Microcontrollers. * **Networking:** Ethernet cards, routers, and hubs. * **Embedded Systems:** Industrial control boards.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for a DIL-14 crystal oscillator?
    • ⤷ How does an oscillator differ from a simple quartz crystal unit?
    • ⤷ What are the common failure modes for hermetically sealed oscillators?