Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+54TFD-R

  • AI
    The **MHO+54TFD-R** is a specific type of **Crystal Oscillator** (often referred to as a "Clock Oscillator"). It is primarily used to provide a precise and stable frequency reference for digital circuits and microprocessors. --- ### 1. Component Overview This component is an active oscillator, meaning it contains both the quartz crystal and the necessary oscillation circuitry within a single package. Unlike a passive crystal (which needs external capacitors), this unit only requires a DC power supply to output a square wave. ### 2. Technical Specifications Based on the standard nomenclature for the MHO series, here are the typical specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Type** | 14-pin DIP (Full Size) / 4-pins used | | **Frequency Stability** | Typically ±50ppm or ±100ppm | | **Input Voltage (Vcc)** | +5.0V DC (Standard for MHO+ series) | | **Output Type** | TTL / CMOS Compatible | | **Operating Temperature** | -10°C to +70°C (Standard) | | **Termination** | Through-hole (R suffix often denotes RoHS compliance) | --- ### 3. Pin Configuration Although the package looks like a 14-pin Integrated Circuit (IC), only four pins are actually functional. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC / Tri-state | No Connection or Output Enable/Disable | | **7** | GND | Ground (Negative terminal) | | **8** | Output | The generated clock signal (Square Wave) | | **14** | Vcc | +5V Power Supply | --- ### 4. Key Features * **Integrated Design:** Combines the quartz crystal, transistor, and capacitors into one hermetically sealed metal "can." * **Stability:** Offers much higher frequency stability than RC (Resistor-Capacitor) or LC (Inductor-Capacitor) oscillators. * **Shielding:** The metal casing provides excellent Protection against Electromagnetic Interference (EMI). * **Ease of Use:** Simplifies PCB design because it eliminates the need for tuning or external load capacitors. --- ### 5. Common Applications * **Microcontrollers:** Providing the "heartbeat" for CPUs and MCUs. * **Networking:** Clocking for Ethernet controllers or modems. * **Legacy Hardware:** Frequently found in older industrial equipment and vintage computing boards requiring a 5V logic level.
    ✨ Follow-up Questions
    • ⤷ How does the frequency stability of this oscillator compare to a standard ceramic resonator?
    • ⤷ What is the difference between a 14-pin 'Full Size' and an 8-pin 'Half Size' oscillator package?
    • ⤷ Can this 5V oscillator be used safely with a 3.3V microcontroller?