Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+64TCD-R

  • AI
    The **MHO+64TCD-R** belongs to a specific category of high-precision crystal oscillators, typically manufactured by companies like **MtronPTI**. This component is designed for demanding telecommunications and networking environments where timing stability is critical. --- ## 1. Technical Specifications Overview The part number follows a specific nomenclature that defines its electronic characteristics. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) or High-Stability VCXO | | **Package Style** | 14-Pin Dip / Half-Size or Full-Size Metal Can | | **Supply Voltage** | Typically 3.3V or 5.0V (Standard for the MHO series) | | **Output Type** | CMOS / TTL Compatible | | **Stability** | High Thermal Stability (often ±100ppb to ±1ppm range) | | **RoHS Status** | The "-R" suffix indicates **RoHS Compliant** (Lead-free) | --- ## 2. Key Internal Electronic Components To achieve its high-performance timing, the MHO+64TCD-R utilizes several specialized internal stages: 1. **Quartz Crystal Blank:** A precision-cut quartz crystal that acts as the primary resonator. In "TCD" variants, this is often an AT-cut or SC-cut crystal for better temperature performance. 2. **Varactor Diode:** Used in the voltage-control circuit to allow for fine-tuning (pulling) of the frequency via an external control voltage. 3. **Temperature Compensation Network:** A series of thermistors and resistors (or a digital compensation IC) that adjusts the internal voltage to counteract frequency drift caused by ambient temperature changes. 4. **Buffer Amplifier:** An internal transistor stage that ensures the output signal is strong enough to drive downstream digital components without affecting the oscillator's stability (load isolation). --- ## 3. Pinout and Integration While specific datasheets should be consulted for the exact revision, the general layout for the MHO series is as follows: * **Pin 1:** Control Voltage (VC) - Allows frequency trimming. * **Pin 7:** Case Ground (GND). * **Pin 8:** Output - The clock signal (Square Wave). * **Pin 14:** Supply Voltage (Vcc). --- ## 4. Typical Applications Because of its high stability and low phase noise, this part is commonly found in: * **SDH/SONET** Telecommunications equipment. * **Wireless Base Stations** (Cellular backhaul). * **Test and Measurement** instrumentation. * **Data Communications** switches and routers.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the MHO+64TCD-R?
    • ⤷ How does an OCXO differ from a standard TCXO in terms of power consumption?
    • ⤷ What are the equivalent replacement parts for this MtronPTI oscillator?