Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+66FFD-R

  • AI
    The **MHO+66FFD-R** refers to a high-performance oscillator, typically part of the **MHO+** series manufactured by companies like MtronPTI. These components are essential in telecommunications, networking, and industrial applications where precise timing is required. --- ### 1. General Specifications The MHO+ series is characterized by its high-frequency stability and robust construction. Below is a breakdown of the typical technical attributes for this specific part class: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Output Type** | CMOS / TTL | | **Voltage Supply** | 3.3V or 5.0V (Standard) | | **Package Style** | 14-pin DIP (Full size or Half size metal can) | | **Frequency Range** | 1.0 MHz to 150 MHz | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Indicated by the **-R** suffix) | --- ### 2. Part Number Breakdown While specific manufacturer codes can vary slightly, the alphanumeric string generally follows this logic: * **MHO+**: Series designation (High-frequency, Metal package). * **66**: Often refers to the frequency stability (e.g., ±25ppm or ±50ppm) or specific voltage/output configurations. * **F**: Temperature range code (e.g., Industrial -40 to +85°C). * **FD**: Features like "Fixed" frequency or specific "Duty Cycle" requirements (e.g., 45/55%). * **-R**: Indicates **RoHS Compliance** (Lead-free). --- ### 3. Key Electronic Characteristics #### A. Signal Integrity These parts are designed to provide a clean square wave output. The "CMOS" output ensures compatibility with most modern microcontrollers and FPGAs. #### B. Thru-Hole Mounting The 14-pin DIP format is a "Thru-Hole" technology (THT). This makes the component physically secure and easy to prototype on breadboards or double-sided PCBs compared to surface-mount (SMD) alternatives. #### C. Typical Pinout For a standard 14-pin DIP oscillator, the pin configuration usually follows this standard: ```text Pin 1: NC (No Connection) or Tri-state Control Pin 7: Case Ground (GND) Pin 8: Output Signal Pin 14: Supply Voltage (Vcc) ``` --- ### 4. Applications The MHO+66FFD-R is commonly found in: 1. **Ethernet Switches:** Providing the clock for data packet processing. 2. **Industrial Controllers:** Timing for PLCs and automation logic. 3. **Legacy Systems:** Replacing older oscillators in equipment that requires metal-can shielding to reduce Electromagnetic Interference (EMI).
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the MHO+66FFD-R variant you are looking for?
    • ⤷ How does the metal can package affect EMI compared to SMD oscillators?
    • ⤷ Are there specific load capacitance requirements for this oscillator?