Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+66TAG-R

  • AI
    The **MHO+66TAG-R** is a specific electronic component primarily categorized as an **Oven Controlled Crystal Oscillator (OCXO)**. These devices are designed for applications requiring extreme frequency stability over a wide temperature range. --- ### 1. Key Technical Specifications The "MHO" series typically belongs to specialized manufacturers (like MtronPTI). Below is a breakdown of the standard specifications for this part: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Component Type** | OCXO | Oven Controlled Crystal Oscillator | | **Frequency Stability** | ±10 ppb to ±100 ppb | Extreme precision compared to standard TCXOs | | **Output Type** | CMOS / Sine Wave | Compatibility with digital or analog circuits | | **Supply Voltage** | 3.3V or 5.0V | standard logic levels | | **Package Style** | Through-hole (DIP) | Often a 14-pin or 4-pin metal can | | **RoHS Status** | Compliant (indicated by -R) | Lead-free construction | --- ### 2. Functional Components An OCXO like the MHO+66TAG-R consists of several internal electronic subsystems: 1. **Quartz Crystal:** The resonating element that determines the base frequency. 2. **Internal Oven (Heater):** A heating circuit that keeps the crystal at a specific "turning point" temperature (usually around 75°C to 85°C) where the frequency change relative to temperature is minimal. 3. **Temperature Sensor:** Monitors the internal cavity temperature to provide feedback to the heater control circuit. 4. **Control Circuitry:** Maintains a constant temperature and manages power distribution. 5. **Output Buffer:** Ensures the signal is strong enough to drive the load without affecting the stability of the internal oscillator. --- ### 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer, here is a general breakdown of the "MHO+66TAG-R" nomenclature: * **MHO:** Series identifier (High stability OCXO). * **66:** Often refers to the physical package size or a specific voltage/output configuration. * **TAG:** Specific internal codes for frequency stability, temperature range, and pullability. * **-R:** Indicates **RoHS compliance** (Restriction of Hazardous Substances). --- ### 4. Applications Due to its high stability, this part is commonly used in: * **Telecommunications:** Base stations (LTE/5G) and synchronization units. * **Test & Measurement:** High-end frequency counters and signal generators. * **Aerospace:** Satellite communication ground equipment. * **Networking:** Precision timing for high-speed data switches. --- ### 5. Implementation Example To use this part in a circuit, a basic connection diagram would follow this logic: ```c // Pins (Typical for 4-pin or 14-pin OCXOs) Pin 1: V_Control (Optional frequency tuning) Pin 7: Ground (GND) Pin 8: Output (Clock Signal) Pin 14: Vcc (Supply Voltage) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO+66TAG-R variant?
    • ⤷ How does an OCXO differ from a standard TCXO in terms of power consumption?
    • ⤷ What are the mounting requirements for this component to avoid thermal drift?