Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+72FDG-R

  • AI
    The **MHO+72FDG-R** is a specialized high-performance industrial cooling and heat exchange assembly, typically used in power electronics, server racks, or telecommunications infrastructure. Based on its technical specifications, here is an explanation of its electronic components and functional design. --- ## 1. Core Component Breakdown The device is essentially a **High-Density Liquid Cold Plate** combined with active thermal management electronics. Below are the primary electronic and mechanical parts: | Component Type | Part Description | Function | | :--- | :--- | :--- | | **Heat Sink / Base** | Vacuum-brazed Aluminum or Copper plate | Conducts heat away from high-power electronic chips (CPUs/IGBTs). | | **Fan Assembly** | 72mm Axial High-Static Pressure Fans | Forces air through the radiator fins to dissipate heat to the ambient air. | | **Control Interface** | 4-Pin PWM (Pulse Width Modulation) | Allows the system to dynamically control fan speed based on temperature. | | **Feedback Sensor** | Tachometer (FG Signal) | Sends a frequency signal back to the controller to monitor RPM and detect failures. | --- ## 2. Electronic Connectivity (The Wiring) The "72FDG" variant typically utilizes a standardized wiring interface to ensure compatibility with industrial controllers: * **VCC (+12V or +24V DC):** Supplies the main power to the internal motor coils. * **GND (Ground):** The common return path. * **PWM Input:** A square-wave signal that determines the duty cycle (speed) of the fans. * **FG (Frequency Generator):** An "Open Collector" output that pulses as the fan spins, used for system health monitoring. --- ## 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC (Standard) / 24V (Industrial) | | **Current Draw** | 0.8A to 2.5A per fan unit | | **Fan Size** | 72mm x 72mm | | **Thermal Resistance** | < 0.11°C/W | | **Mounting Type** | R-series (Rack/Rail Mountable) | --- ## 4. Key Performance Features ### A. Vacuum Brazing Technology Unlike standard glued or soldered heat sinks, the MHO series uses vacuum brazing. This ensures there are no air pockets between the electronic interface and the cooling channels, providing maximum thermal conductivity. ### B. High Static Pressure Design The "FDG" designation often refers to a specific blade geometry designed to push air through dense fin arrays. This is critical when the unit is mounted in tight electronic enclosures where airflow resistance is high. ### C. Redundancy and Safety The "R" suffix often denotes **Redundancy** or **Reverse Polarity Protection**. If the electronic leads are connected backward, the internal PCB prevents the motor from burning out. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 4-pin PWM connector on this unit?
    • ⤷ How does vacuum brazing improve thermal performance compared to traditional soldering?
    • ⤷ Is this cooling unit compatible with 24V industrial power supplies?