Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+72TAD-R

  • AI
    The **MHO+72TAD-R** is a precision electronic component, specifically a **Crystal Oscillator**. It is commonly used in telecommunications, networking, and industrial computing to provide a stable clock signal. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (like MtronPTI). Below are the core specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Style** | Full-Size 14-pin DIP (Through-Hole) | | **Output Type** | HCMOS / TTL Compatible | | **Supply Voltage (Vcc)** | +5.0V DC (Typical) | | **Frequency Stability** | Usually ±50ppm or ±100ppm (depending on grade) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ### 2. Internal Electronic Architecture The device is an integrated module consisting of several internal stages: 1. **Quartz Crystal Resonator:** The heart of the device, precision-cut to vibrate at a specific frequency. 2. **Oscillator IC:** An active circuit that maintains the vibration of the crystal using a feedback loop. 3. **Buffer Stage:** An output amplifier that ensures the signal can drive multiple loads (Fan-out) without distorting the waveform. 4. **Bypass Capacitors:** Internal filtering to reduce electronic noise on the power line. --- ### 3. Pin Configuration (14-pin DIP Layout) Although it has a 14-pin footprint, most pins are typically omitted, leaving only four functional pins: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | N/C or Tri-State | No connection or Output Enable/Disable | | **7** | Ground | Case and circuit ground | | **8** | Output | The generated clock signal (Square Wave) | | **14** | Vcc | +5V Power Supply | --- ### 4. Key Applications * **Legacy Computing:** Replacement parts for older motherboards or industrial controllers. * **Telecommunications:** Timing for synchronous data transmission. * **Embedded Systems:** Providing a master clock for Microprocessors and FPGAs.
    ✨ Follow-up Questions
    • ⤷ What is the specific output frequency of your MHO+72TAD-R unit?
    • ⤷ Can this oscillator be used in a 3.3V circuit?
    • ⤷ How do I test if the oscillator is functioning correctly with an oscilloscope?