Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+76FFD-R

  • AI
    The **MHO+76FFD-R** refers to a high-capacity, heavy-duty automotive electromagnetic relay. These components are essential in vehicle electronics for switching high-current circuits using a low-current signal. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and mechanical characteristics of this relay series: | Parameter | Typical Value / Range | | :--- | :--- | | **Contact Form** | 1A (SPST), 1C (SPDT) | | **Max Switching Current** | 30A to 40A | | **Nominal Coil Voltage** | 12VDC or 24VDC | | **Coil Power Consumption** | Approx. 1.6W | | **Contact Material** | Silver Alloy (AgSnO2) | | **Operating Temperature** | -40°C to +125°C | | **Termination Type** | PCB Terminals or Quick-Connect | --- ### 2. Internal Components & Construction The MHO+76FFD-R consists of several critical electronic and mechanical parts: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when energized. 2. **Armature:** The moving part that reacts to the magnetic field to open or close the contacts. 3. **Contacts:** Usually made of silver tin oxide to resist "welding" under high current loads and minimize electrical noise. 4. **Spring Mechanism:** Ensures the armature returns to its "Rest" position once power is removed from the coil. 5. **Housing (Case):** Typically a heat-resistant plastic (PBT) designed to withstand engine bay temperatures. --- ### 3. Common Applications Due to its high amperage rating (up to 40A), this relay is commonly found in: * **Automotive Lighting:** Controlling high-beam/low-beam headlights or fog lights. * **Cooling Fans:** Switching radiator fans on/off based on temperature sensors. * **Fuel Pumps:** Managing the high-current draw of the fuel delivery system. * **Power Windows/Locks:** Acting as the heavy-duty switch for door and window motors. --- ### 4. Circuit Diagram Representation In a standard 5-pin configuration (1C), the pinout usually follows this logic: ```text Pin 85 & 86: Coil Connections (Input Signal) Pin 30: Common (Power Input) Pin 87: Normally Open (Load Output) Pin 87a: Normally Closed (Alternative Load Output) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 12V and 24V versions of this relay?
    • ⤷ How do I test if the MHO+76FFD-R relay is faulty using a multimeter?
    • ⤷ Can this relay be used for AC voltage applications or is it DC only?