Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+76TCD-R

  • AI
    Based on technical specifications, the **MHO+76TCD-R** typically refers to a high-precision **TCXO (Temperature Compensated Crystal Oscillator)** or a specific clock oscillator module often used in telecommunications and high-frequency RF applications. Below is a breakdown of its electronic components and characteristics. --- ### 1. Key Technical Specifications The "76TCD" series is known for its stability and specific output characteristics. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Output Type** | Clipped Sine Wave or CMOS (application dependent) | | **Supply Voltage** | Usually 3.3V or 5.0V | | **Frequency Stability** | ±0.5ppm to ±2.5ppm (over temp range) | | **Package Style** | SMD (Surface Mount Device) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Internal Electronic Architecture The module is not just a crystal; it is an integrated circuit containing several sub-components: 1. **Quartz Crystal Resonator:** The heart of the part, providing the base mechanical vibration. 2. **Compensation Network:** A thermistor-based circuit or a digital compensation IC that adjusts the load capacitance to counteract frequency drift caused by temperature changes. 3. **Varactor Diode:** Used within the tuning circuit to pull the frequency based on the compensation voltage. 4. **Buffer Amplifier:** Ensures the output signal has enough drive strength for the rest of the PCB while isolating the oscillator from load variations. 5. **Voltage Regulator (Internal):** Many high-end MHO models include internal regulation to minimize "pushing" (frequency shifts due to supply voltage noise). --- ### 3. Pinout Configuration (Standard 4-Pad) While exact pinouts can vary by manufacturer variants, the standard configuration for this SMD footprint is: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vcon / NC | Voltage Control (if VCTCXO) or No Connection | | **2** | GND | Ground / Case Connection | | **3** | Output | The RF Clock signal output | | **4** | Vcc | Positive Supply Voltage | --- ### 4. Applications Because of the "R" suffix (often denoting RoHS compliance and Tape & Reel packaging), these parts are frequently found in: * **GPS/GNSS Modules:** Where high timing accuracy is required to lock onto satellites. * **Wireless Communication:** Base stations and high-speed routers. * **IoT Sensors:** Devices requiring low power but high stability over outdoor temperature swings. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency (MHz) of your specific MHO+76TCD-R unit?
    • ⤷ Do you need the footprint dimensions for PCB layout design?
    • ⤷ Are you looking for a drop-in equivalent from a different manufacturer?