Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO+78FFD-R

  • AI
    The **MHO+78FFD-R** refers to a high-power electromagnetic power relay, typically manufactured by companies like **Songle** or **Massuse**. This specific model is widely used in automotive electronics, industrial automation, and household appliances due to its high switching capacity. --- ### 1. Key Technical Specifications The "78FFD" series is a sub-miniature power relay designed for heavy-duty applications. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Max Switching Current** | 30A to 40A | | **Max Switching Voltage** | 250VAC / 30VDC | | **Coil Voltage (DC)** | 5V, 9V, 12V, or 24V | | **Contact Material** | Silver Alloy (AgSnO2 or AgCdO) | | **Operating Temperature** | -40°C to +105°C | --- ### 2. Physical Characteristics & Construction The component is housed in a sealed plastic casing (often blue or black) to protect against dust and moisture. - **Pins:** Usually features 4 or 5 pins depending on the contact configuration (Form A vs Form C). - **Size:** Sub-miniature footprint (approx. 32mm x 27mm x 20mm), making it suitable for PCB mounting. - **-R Suffix:** Often indicates a specific **RoHS compliance** rating or a specific resistor/diode internal protection for the coil. --- ### 3. Pinout Diagram Logic While you should always consult the specific datasheet for your unit, the standard layout for a 5-pin SPDT version is: ```text [Top View] +-------------+ | (1) (2) | <-- Coil Pins | | | (3) (4) | <-- Common & NO (Normally Open) | (5) | <-- NC (Normally Closed) +-------------+ ``` --- ### 4. Common Applications Due to its high amperage rating (up to 40A), it is commonly found in: 1. **Automotive:** Power windows, central locking, and radiator fans. 2. **Appliances:** Air conditioners, heaters, and washing machines. 3. **Industrial:** Motor control and power supply switching.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1 Form A and 1 Form C contact versions?
    • ⤷ How do I choose the correct coil voltage for my circuit?
    • ⤷ Does this relay require a flyback diode for circuit protection?