Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO311FAG-R

  • AI
    The **MHO311FAG-R** is a specific electronic component, typically categorized as a high-frequency **Surface Mount Device (SMD) Crystal Oscillator**. These components are critical for providing precise timing signals in telecommunications and networking hardware. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics associated with this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Type** | SMD (Surface Mount Device) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage (Vcc)** | 3.3V or 5.0V (Variant dependent) | | **Frequency Range** | 1.0 MHz to 100+ MHz | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Frequency Stability** | ±25ppm to ±100ppm | --- ## 2. Key Internal Electronic Parts The MHO311 series is an "active" oscillator, meaning it contains integrated circuitry beyond just the quartz crystal. ### A. Synthetic Quartz Crystal The heart of the component. It is precision-cut to a specific thickness to vibrate at a designated frequency when an electrical field is applied (the **Piezoelectric Effect**). ### B. Oscillator IC (Integrated Circuit) Unlike a "passive" crystal (2-pin), this "active" oscillator (4-pin or 6-pin) includes a built-in CMOS IC. This IC handles: * **Amplification:** Sustaining the oscillation of the crystal. * **Output Buffering:** Ensuring the clock signal is strong enough to drive other components on the PCB without degrading. ### C. Internal Capacitors Small ceramic capacitors are integrated inside the metal housing to provide "load capacitance," ensuring the crystal oscillates at the exact intended frequency without needing external tuning components. --- ## 3. Physical Construction The **"R"** in the suffix often denotes **RoHS Compliance** (Lead-free) or specific **Tape & Reel** packaging for automated assembly. 1. **Hermetic Seal:** The internal parts are housed in a metal or ceramic casing filled with nitrogen to prevent oxidation and ensure long-term frequency stability. 2. **Gold-Plated Pads:** The underside features gold-plated contact points for high-quality soldering and conductivity. --- ## 4. Typical Applications * **Networking:** Routers, switches, and modems. * **Computing:** Motherboards and peripheral controllers. * **Industrial:** PLCs and automation sensors requiring stable timing.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MHO311FAG-R variant?
    • ⤷ How does an active oscillator differ from a passive quartz crystal in a circuit design?
    • ⤷ What are the pinout configurations for the MHO series package?