Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO312TAG-R

  • AI
    The **MHO312TAG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are critical in power management circuits for energy storage and noise filtering. --- ## Technical Specifications Below are the general characteristics and technical parameters typically associated with this part number: | Parameter | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | SMD (Surface Mount Device) | | **Inductance** | Typically 1.2µH (Variable by specific batch/series) | | **Core Material** | Ferrite or Metal Alloy | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Application** | DC-DC Converters, Voltage Regulator Modules (VRM) | --- ## Key Features ### 1. Magnetic Shielding The "TAG" series usually indicates a shielded construction. This is vital in compact electronic designs (like smartphones or laptops) because it prevents the magnetic field generated by the inductor from interfering with nearby sensitive components. ### 2. High Current Handling The "MHO" series is designed to handle high saturation currents. This means the inductor can maintain its inductance value even when high levels of electrical current flow through it, preventing the circuit from failing under load. ### 3. Low DC Resistance (DCR) To maximize efficiency, these parts are engineered with very low internal resistance. This minimizes power loss in the form of heat, which is critical for battery-operated devices. --- ## Common Applications * **Laptops and Tablets:** Used in the power phases for CPUs and GPUs. * **DC-DC Converters:** Acts as the primary energy storage element in buck (step-down) or boost (step-up) converters. * **LED Drivers:** Provides steady current to LED arrays. * **Telecommunications:** Noise filtering in high-frequency communication equipment. --- ## Component Identification (Breakdown) While naming conventions vary by manufacturer (such as Mag.Layers or similar vendors), the code usually breaks down as follows: * **MHO:** Series designation (High current/Metal Alloy). * **312:** Physical dimensions (e.g., 3.0mm x 3.0mm x 1.2mm). * **TAG:** Material or shielding specification. * **R:** Indicates "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the MHO312 series?
    • ⤷ How does magnetic shielding improve PCB performance?
    • ⤷ Can this inductor be used in high-temperature automotive environments?