Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO315FCG-R

  • AI
    Based on technical specifications for display modules, the **MHO315FCG-R** is a specific part number typically associated with a **3.15-inch Circular TFT-LCD Display Module**. These modules are commonly used in smart appliances, automotive dashboards, and high-end wearable interfaces. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and physical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Display Type** | Circular TFT-LCD | | **Screen Size** | 3.15 Inch (Diameter) | | **Resolution** | Typically 480 x 480 pixels | | **Interface** | RGB / SPI / MIPI (Configuration dependent) | | **Active Area** | ~80.0 mm Diameter | | **Brightness** | 300 - 450 cd/m² | | **Viewing Angle** | IPS (Full Viewing Angle) | | **Backlight** | White LED (WLED) | --- ### 2. Main Electronic Components The functionality of this module relies on several integrated electronic sub-systems: * **LCD Driver IC:** Often utilizes chips like the **GC9A01** or **ST7701S**. This IC converts digital data from your microcontroller (MCU) into the analog voltages required to twist the liquid crystals. * **FPC (Flexible Printed Circuit):** The "ribbon cable" that carries signals. It contains the pinout for power (VCC/VDD), Ground (GND), and data lines. * **Backlight Circuit:** A series or parallel array of LEDs. This component requires a constant current driver to ensure consistent brightness and prevent burnout. * **Capacitive Touch Panel (Optional):** If the model suffix includes a touch identifier, it features a glass overlay with a touch controller IC (e.g., FocalTech or Goodix) communicating via I2C. --- ### 3. Interface and Connectivity To operate the MHO315FCG-R, the following electronic signals are generally required: 1. **Power Supply:** Digital power (1.8V - 3.3V) and Analog power for the LCD. 2. **Data Bus:** * **SPI:** Low-speed, low pin count. * **RGB:** High-speed, requires more pins, used for fluid video. * **MIPI DSI:** Used in high-performance applications (mobile-like). 3. **Control Signals:** Reset (RST), Chip Select (CS), and Data/Command (DC) pins. --- ### 4. Integration Example (Pseudo-Code) When programming an MCU (like an ESP32 or STM32) to drive this display, the initialization sequence usually looks like this: ```cpp // Example initialization for a 480x480 Circular TFT void setup_display() { display.begin(); display.setRotation(0); display.fillScreen(COLOR_BLACK); // Circular displays often require specific // offset configurations in the Driver IC display.writeCommand(0xEF); // Specific Manufacturer Command } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout for the MHO315FCG-R FPC connector?
    • ⤷ Which specific driver IC does this module use?
    • ⤷ Is there a version of this display with a capacitive touch screen?