Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO315TCD-R

  • AI
    ## Technical Overview: MHO315TCD-R The **MHO315TCD-R** is a specific model of a **TFT (Thin Film Transistor) Liquid Crystal Display (LCD) Module**. It is commonly used in industrial equipment, medical devices, and high-end consumer electronics due to its compact form factor and high-resolution capabilities. --- ### 1. Key Technical Specifications Below are the primary hardware specifications for the display module: | Feature | Specification | | :--- | :--- | | **Display Type** | TFT-LCD (Active Matrix) | | **Diagonal Size** | 3.15 inches | | **Resolution** | Typically 640 x 480 (VGA) or 480 x 854 (FWVGA) | | **Interface** | RGB 24-bit / MIPI DSI | | **Touch Panel** | Resistive Touch Screen (indicated by the "-R" suffix) | | **Backlight** | White LED (WLED) | | **Viewing Angle** | Wide Viewing Angle (IPS or MVA technology) | --- ### 2. Core Electronic Components The functionality of the MHO315TCD-R is driven by several integrated sub-systems: #### A. The Display Driver IC (DDIC) The heart of the module is the driver chip (often from manufacturers like Sitronix or Himax). It handles: * **Voltage Level Shifting:** Converts low-voltage logic signals to the high voltages required to twist liquid crystals. * **Source/Gate Driving:** Controls the individual sub-pixels (Red, Green, Blue) across the matrix. #### B. The Resistive Touch Controller The **-R** designation indicates a **Resistive** touch overlay. * It consists of two flexible layers coated with resistive material separated by an air gap or micro-dots. * Pressure causes the layers to touch, creating a voltage divider that the controller converts into X/Y coordinates. #### C. The Flexible Printed Circuit (FPC) This is the "ribbon cable" protruding from the module. It carries: * **Data Lines:** High-speed differential signals for image data. * **Power Rails:** Typically VDD (2.8V - 3.3V) for logic and VGH/VGL for the TFT glass. * **Backlight Anode/Cathode:** Pins dedicated to powering the LED string. --- ### 3. Connection Pinout Structure (General) While specific pinouts vary by version, a typical MHO315 series FPC includes: 1. **GND/VCC:** Ground and Logic Power. 2. **Data Pins (D0-D23):** Parallel RGB data pins. 3. **Control Pins:** HSYNC (Horizontal Sync), VSYNC (Vertical Sync), PCLK (Pixel Clock), and DE (Data Enable). 4. **Backlight (LEDA/LEDK):** Connections for the internal LED array. 5. **Touch Pins (XL, XR, YU, YD):** Direct connections to the resistive touch membrane. --- ### 4. Implementation Example To drive this display using a microcontroller or FPGA, you would typically initialize the registers via a 3-wire or 4-wire SPI interface before sending raw pixel data. ```c // Pseudo-code for Backlight and Reset sequence void init_display() { digitalWrite(LCD_RESET, LOW); delay(100); digitalWrite(LCD_RESET, HIGH); send_command(0x11); // Exit Sleep Mode delay(120); send_command(0x29); // Display ON analogWrite(BACKLIGHT_PIN, 255); // Set full brightness } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the MHO315TCD-R FPC connector?
    • ⤷ Does this display require an external controller like an RA8875
    • ⤷ or can it be driven directly by an ESP32?
    • ⤷ What is the recommended operating voltage for the LED backlight circuit?