Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO321TAD-R

  • AI
    ## Overview of MHO321TAD-R The **MHO321TAD-R** is a specific type of **Crystal Oscillator** (specifically a Clock Oscillator). These components are essential in electronics for generating a precise, stable frequency used to synchronize the timing of digital circuits. --- ### Technical Specifications The "MHO" series typically follows industry-standard naming conventions for frequency control products. Below are the general specifications associated with this part number: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size | | **Frequency Stability** | Usually ±100ppm or ±50ppm | | **Operating Voltage** | Typically 5.0V DC (Standard for MHO series) | | **Output Type** | TTL / CMOS Compatible | | **Duty Cycle** | 40/60% to 45/55% | | **RoHS Status** | The "-R" suffix typically denotes RoHS Compliance | --- ### Core Internal Components To understand the "electronic parts" inside this module, we look at its hybrid construction: 1. **Quartz Crystal Plate:** The heart of the device. It is a precision-cut piece of quartz that vibrates at a specific frequency when a voltage is applied (Piezoelectric effect). 2. **Oscillator IC:** A small integrated circuit that provides the necessary amplification and feedback loop to sustain the quartz vibration. 3. **Bypass Capacitor:** Internal ceramic capacitors used to filter noise from the power supply line. 4. **Output Buffer:** A logic circuit that ensures the output signal is strong enough to drive multiple digital inputs (fan-out). --- ### Pin Configuration In a standard 14-pin DIP package (though only 4 pins are usually physically present), the layout is typically as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC / OE | No Connection or Output Enable (controls if the clock is active) | | **7** | GND | Ground / Negative Supply | | **8** | Output | The generated clock signal (Square Wave) | | **14** | Vcc | Positive Supply Voltage (+5V) | --- ### Common Applications The MHO321TAD-R is commonly found in older or industrial hardware where high reliability and ease of through-hole mounting are required: * **Microprocessor Clocks:** Providing the heartbeat for CPUs. * **Networking Equipment:** Timing for data transmission. * **Embedded Systems:** General timing for industrial controllers.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency rating for the MHO321TAD-R version you are using?
    • ⤷ How does an 'Output Enable' pin function in this oscillator?
    • ⤷ What are the modern SMD alternatives to this 14-pin DIP package?