Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO321TCG-R

  • AI
    The **MHO321TCG-R** belongs to a specialized category of electronic components, typically identifying as a **High-Stability Crystal Oscillator** or a **TCXO (Temperature Compensated Crystal Oscillator)**. These parts are critical in circuitry requiring precise timing and frequency control. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series (often associated with manufacturers like MtronPTI), here are the typical specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Frequency Stability** | High precision (often ±1.0ppm to ±2.5ppm) | | **Package Type** | Surface Mount Device (SMD) | | **Operating Voltage** | Typically 3.3V or 5.0V | | **Output Type** | CMOS / Clipped Sine Wave | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Breakdown To understand how the MHO321TCG-R works, it is essential to look at its internal architecture: 1. **Quartz Crystal Resonator:** The heart of the part, providing a raw frequency based on the physical dimensions of the quartz. 2. **Compensation Network:** Unlike standard oscillators, the "TC" (Temperature Compensated) aspect uses a sensing circuit to counteract frequency "drift" caused by heat or cold. 3. **Voltage Regulator:** Internal circuitry that ensures the oscillation remains steady even if there are slight fluctuations in the input power. 4. **Buffer/Output Driver:** Cleans the signal to ensure it can drive other integrated circuits (ICs) without signal degradation. --- ### 3. Common Applications Because of its high stability and compact form factor, the MHO321TCG-R is commonly found in: * **Telecommunications:** Base stations and small cells where timing synchronization is vital. * **GPS/GNSS Receivers:** Precise timing is required to calculate accurate geographical coordinates. * **Networking Hardware:** High-speed routers and switches. * **IoT Devices:** Low-power wide-area networks (LPWAN) that require stable frequencies to maintain long-range connections. --- ### 4. Component Identification (Suffix Meanings) While specific codes vary by manufacturer, the suffix **-R** almost always indicates **RoHS Compliance**, meaning the part is manufactured without hazardous materials like lead. The **TCG** portion usually refers to the specific stability grade and temperature range of the unit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and a TCXO like the MHO321TCG-R?
    • ⤷ Can you provide the specific pinout diagram for this SMD package?
    • ⤷ What are the typical power consumption levels for this oscillator series?