Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO322TCG-R

  • AI
    The **MHO322TCG-R** is a specific surface-mount electronic component, typically categorized as a **Chip Inductor** or a **Ferrite Chip Bead**, often used in power management and signal filtering circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature used by manufacturers (often associated with brands like Taiyo Yuden or similar high-frequency component specialists). | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Component Type** | Multilayer Chip Bead / Inductor | Used for EMI suppression or power filtering. | | **Case Size** | 0603 (EIA) / 1608 (Metric) | Dimensions are roughly 1.6mm x 0.8mm. | | **Inductance / Impedance** | Specific to "322" code | Usually indicates impedance at 100MHz. | | **Rated Current** | 1.0A to 3.0A | High current handling capability for its size. | | **DC Resistance (DCR)** | Low (e.g., < 0.05Ω) | Minimizes power loss and heat generation. | | **Mounting Type** | SMD (Surface Mount Device) | Designed for automated PCB assembly. | --- ### 2. Internal Structure and Composition The "MHO" series typically utilizes a **Multilayer Ceramic** construction: * **Ferrite Material:** The body is made of a ferrite material that provides high magnetic permeability. * **Internal Electrode:** A silver (Ag) or copper (Cu) internal coil structure is layered within the ferrite. * **Terminations:** The ends are usually plated with Nickel (Ni) and Tin (Sn) to ensure excellent solderability and resistance to heat during the reflow process. --- ### 3. Functional Applications This component is primarily used for **EMI (Electromagnetic Interference) Suppression**. Its main roles include: 1. **Noise Filtering:** It acts as a low-pass filter, allowing DC signals to pass through while blocking high-frequency noise. 2. **Power Line Decoupling:** Used in power supply circuits (like DC-DC converters) to prevent switching noise from affecting sensitive components. 3. **Signal Integrity:** Placed on data lines to reduce "ringing" and ensure clean digital transitions. --- ### 4. Part Number Breakdown (General Identification) While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: * **MHO:** Series identifier (High-current multilayer type). * **322:** Impedance code (often representing $32 \times 10^0$ or similar ohms at 100MHz). * **TCG:** Tolerance and Material characteristic. * **-R:** Standard suffix indicating **Tape & Reel** packaging for automated SMT machines. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MHO322TCG-R?
    • ⤷ How does this component compare to a standard wire-wound inductor?
    • ⤷ What are the recommended soldering profiles for this SMD part?