Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO326FAG-R

  • AI
    The **MHO326FAG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) High-Frequency Crystal Oscillator** or a specialized **Clock Generator Module**. These components are critical for providing stable timing signals in digital circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications While specific data can vary slightly by manufacturer (often associated with brands like **MtronPTI**), the "MHO" series generally follows these parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Type** | 14-pin DIP or SMD (FAG-R often denotes SMD) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage ($V_{cc}$)** | 3.3V or 5.0V (Standard) | | **Frequency Range** | Typically 1.0 MHz to 100+ MHz | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ### 2. Functional Components The MHO326FAG-R is an integrated solution consisting of several internal parts: * **Quartz Crystal:** The heart of the component, which vibrates at a precise frequency when voltage is applied (the piezoelectric effect). * **Oscillator IC:** An internal integrated circuit that amplifies the signal from the crystal and maintains the oscillation. * **Load Capacitors:** Internal capacitors tuned to ensure the crystal oscillates at the correct load capacitance ($C_L$). * **Output Buffer:** Ensures the signal is strong enough to drive multiple digital inputs (fan-out) without degrading the waveform. --- ### 3. Pinout and Integration Usually, these modules follow a standard 4-pin or 14-pin footprint. In a common 4-pin configuration: 1. **Pin 1 (OE/NC):** Output Enable (allows the clock to be turned off to save power) or No Connection. 2. **Pin 2 (GND):** Common Ground. 3. **Pin 3 (Output):** The generated square wave (clock signal). 4. **Pin 4 ($V_{cc}$):** Positive DC Power Supply. --- ### 4. Part Number Decoder (Typical) * **MHO:** Series identifier (High-speed/High-stability). * **3:** Voltage code (e.g., 3.3V). * **26:** Frequency stability/accuracy code. * **FAG:** Package/Output format specific. * **-R:** RoHS (Lead-free) Compliant. --- ### 5. Common Applications Because of its stability, this part is used in: * **Networking Hardware:** Switches and routers. * **Industrial Controllers:** PLC and automation timing. * **Embedded Systems:** Providing the base clock for Microcontrollers (MCUs) or FPGAs.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO326FAG-R variant you are using?
    • ⤷ How does the 'Output Enable' pin function in this specific oscillator?
    • ⤷ What are the common alternatives to the MHO series for low-power applications?