Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO328TCD-R

  • AI
    The **MHO328TCD-R** belongs to a specific category of high-precision electronic components, typically classified as a **TCXO (Temperature Compensated Crystal Oscillator)**. These components are critical in telecommunications and radio frequency applications where frequency stability is paramount. --- ### 1. Key Technical Specifications Below is a breakdown of the typical parameters associated with this component series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Package Style** | SMD (Surface Mount Device) | | **Frequency Stability** | High (typically ±0.5ppm to ±2.5ppm) | | **Operating Voltage** | Usually 3.3V or 5.0V | | **Output Type** | CMOS or Clipped Sine Wave | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Electronic Parts & Design The "MHO" series generally utilizes a multi-stage internal architecture to ensure the clock signal remains steady regardless of external heat: 1. **Quartz Crystal Resonator:** The heart of the part that vibrates at a specific frequency. 2. **Compensation Network:** A temperature sensor and a compensation circuit (often an ASIC) that adjusts the voltage to the varactor diode. 3. **Varactor Diode:** Changes its capacitance based on the compensation voltage to "pull" the crystal back to its nominal frequency as temperature fluctuates. 4. **Buffer/Amplifier:** Ensures the output signal is strong enough to drive the rest of the PCB (Printed Circuit Board) without interfering with the internal oscillation. --- ### 3. Part Number Decoding (Typical) While manufacturers vary slightly, the suffix codes generally break down as follows: * **MHO:** Manufacturer series designation (often associated with Mercury Electronic or similar frequency control specialists). * **32:** Often refers to the physical dimensions (e.g., 3.2mm x 2.5mm package). * **TCD:** Indicates the internal technology (**T**emperature **C**ompensated **D**igital/Device). * **-R:** Standard industry notation for **RoHS Compliant** (lead-free) and/or **Tape & Reel** packaging. --- ### 4. Common Applications Due to its high stability, this part is used in: * **GPS Receivers:** Where precise timing is needed to calculate position. * **Wireless Transceivers:** Ensuring the radio stays on the correct channel. * **Networking Hardware:** Serving as a master clock for high-speed data transmission.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of your MHO328TCD-R unit?
    • ⤷ How does a TCXO differ from a standard XO (Crystal Oscillator)?
    • ⤷ What are the soldering requirements for this SMD package?