Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO351TCG-R

  • AI
    The **MHO351TCG-R** is a specific electronic component typically identified as a **3.5-inch TFT LCD Display Module** with resistive touch capabilities. These modules are widely used in industrial control systems, medical devices, and IoT handheld terminals. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Display Size** | 3.5 Inch (Diagonal) | | **Resolution** | 320 x 480 Pixels (HVGA) | | **Interface** | MCU 8/16-bit or SPI Interface | | **Driver IC** | Usually ILI9488 or equivalent | | **Touch Type** | 4-Wire Resistive Touch (R) | | **Backlight** | White LED (6-8 LEDs in parallel/series) | | **Brightness** | ~300 - 500 cd/m² | | **Operating Voltage** | 2.8V - 3.3V (Logic) | --- ### 2. Core Electronic Sub-systems #### A. The LCD Controller (Driver IC) The heart of the module is the **Driver IC** (often an ILI9488). This chip handles: * **Gram (Graphic RAM):** Stores the pixel data sent by your microcontroller. * **Voltage Generation:** Converts the input 3.3V to the higher voltages required to twist the liquid crystals. * **Timing Control:** Manages the refresh rate (usually 60Hz) to ensure a flicker-free image. #### B. The Resistive Touch Overlay The "-R" in the part number signifies a **Resistive** touch screen. * It consists of two transparent flexible layers coated with a resistive material (ITO). * When pressed, the layers touch, creating a voltage divider. * The controller measures the voltage at the point of contact to determine X and Y coordinates. #### C. Backlight Circuitry The module contains a string of high-brightness LEDs. * **Current Control:** It requires a constant current driver. * **PWM Dimming:** The "LEDK" or "BL" pin can usually be pulsed using Pulse Width Modulation to adjust brightness levels. --- ### 3. Pin Configuration Overview Most versions of this module use a 40-pin or 34-pin FPC (Flexible Printed Circuit) connector. ```markdown 1. GND - Ground 2. VCC/VDD - Power Supply (3.3V) 3. CS - Chip Select 4. RS/DC - Register Select / Data Control 5. WR/RD - Write/Read Strobes 6. DB0 - DB15 - Data Bus (Parallel) 7. RESET - Hardware Reset 8. XL, YU, XR, YD - Touch Panel Analog Pins ``` --- ### 4. Application Integration To use the MHO351TCG-R in a project, you typically need: 1. **Level Shifters:** If using a 5V microcontroller (like Arduino Uno), you must shift logic levels down to 3.3V to avoid damaging the Driver IC. 2. **External Library:** For Arduino/ESP32, libraries like `TFT_eSPI` or `UCGlib` are commonly used by configuring the driver to ILI9488.
    ✨ Follow-up Questions
    • ⤷ What is the pinout difference between the SPI and Parallel versions of this module?
    • ⤷ How do I calibrate the 4-wire resistive touch screen in software?
    • ⤷ Can this display be used with a 5V power supply directly?