Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO352FAD-R

  • AI
    The **MHO352FAD-R** is an electronic component primarily classified as a **High-Stability Temperature Compensated Crystal Oscillator (TCXO)** or a specialized Timing Module, often used in telecommunications and high-precision electronic circuits. Below is a detailed breakdown of its technical aspects: --- ### 1. General Specifications The device is designed to provide a highly stable clock signal for digital circuits, ensuring that frequency drift remains minimal even when temperatures fluctuate. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO) | | **Package Type** | Surface Mount Device (SMD) | | **Frequency Range** | Usually fixed (Specific to the sub-model, often in MHz range) | | **Operating Voltage** | Typically 3.3V or 5.0V | | **Stability** | ±1.0ppm to ±2.5ppm (Temperature dependent) | | **Output Type** | CMOS / Clipped Sine Wave | --- ### 2. Key Internal Components The "MHO" series typically integrates several internal parts to achieve high precision: * **Quartz Crystal Resonator:** The heart of the part, which vibrates at a specific frequency when voltage is applied. * **Compensation Network:** A specialized circuit (often using thermistors) that adjusts the capacitance to counteract frequency changes caused by heat. * **Buffer IC:** An internal integrated circuit that cleans the output signal and ensures it can drive the next stage of the PCB without signal degradation. --- ### 3. Pin Configuration (Typical) While you should always consult the specific datasheet from the manufacturer (often *Mercury Electronic* or similar providers), the standard pinout for this footprint is generally: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | Vcon / NC | Voltage Control (for VCTCXOs) or No Connection | | 2 | GND | Ground | | 3 | Output | The generated clock signal | | 4 | Vcc | Power Supply Input | --- ### 4. Common Applications Due to its high stability, the MHO352FAD-R is found in: 1. **Telecommunications:** Base stations and small cells. 2. **GPS/GNSS Receivers:** Providing the timing needed for satellite trilateration. 3. **Networking Gear:** Routers and switches requiring synchronized data transmission. 4. **Test Equipment:** Oscilloscopes and frequency counters. --- ### 5. Identification Code Breakdown * **MHO:** Series designation (often indicating High-Stability/Oscillator). * **352:** Refers to the physical dimensions (e.g., 5.0 x 3.2 mm package). * **FAD:** Internal code for specific temperature range and stability requirements. * **-R:** Generally indicates compliance with **RoHS** (Lead-free) regulations and Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the MHO352FAD-R in your specific application?
    • ⤷ Do you need the specific pinout diagram for the 5.0x3.2mm package?
    • ⤷ Are you looking for a drop-in equivalent from another manufacturer like Epson or TXC?