Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO354TAD-R

  • AI
    The **MHO354TAD-R** is a high-precision, surface-mount **Voltage Controlled Crystal Oscillator (VCXO)**. These components are essential in telecommunications and data processing for frequency control and timing synchronization. --- ### 1. Key Technical Specifications The following table highlights the typical electrical characteristics of the MHO354 series: | Parameter | Specification | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Package Type** | SMD (Surface Mount Device) - 6 Pads | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Supply Voltage (Vcc)** | +3.3V (Typical) | | **Frequency Range** | Typically 10 MHz to 1.5 GHz (specific to variant) | | **Frequency Stability** | ±20ppm to ±50ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Components The "MHO" series integrates several internal electronic stages to ensure high performance: * **Quartz Crystal Resonator:** The heart of the device, providing a stable mechanical vibration converted into an electrical signal. * **Varactor Diode:** A voltage-variable capacitor. By changing the voltage on the "Control Voltage" pin, the capacitance changes, allowing the user to "pull" or tune the output frequency slightly. * **Oscillator IC:** An internal integrated circuit that maintains the oscillation and provides the LVPECL output buffering. * **Phase Noise Reduction:** The internal circuitry is optimized to minimize "jitter," which is crucial for high-speed data transmission. --- ### 3. Pin Configuration (Typical 6-Pad SMD) In most MHO354TAD-R configurations, the pins are assigned as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vc | Control Voltage (Frequency Tuning) | | **2** | E/D or NC | Enable/Disable (Output Tri-state) or No Connect | | **3** | GND | Ground / Case Connection | | **4** | Output | Main Clock Signal Output | | **5** | Output Comp | Complementary Clock Signal (for Differential signaling) | | **6** | Vcc | Positive Supply Voltage | --- ### 4. Common Applications Due to its differential LVPECL output and frequency tuning capabilities, this part is used in: * **SONET / SDH:** Synchronous optical networking. * **10 Gigabit Ethernet:** High-speed data centers. * **Phase-Locked Loops (PLLs):** Used to synchronize two different clock signals. * **Fiber Channel:** Storage area networks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and a VCXO like the MHO354?
    • ⤷ How does the LVPECL output signal differ from standard CMOS outputs?
    • ⤷ What is the 'pulling range' typically expected for this component?