Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO362FCG-R

  • AI
    The **MHO362FCG-R** is a specific electronic component, typically categorized as a **High-Frequency SAW (Surface Acoustic Wave) Filter** or a high-stability **Crystal Oscillator/Resonator** package, often utilized in telecommunications and radio frequency (RF) applications. Below is a detailed breakdown of its technical aspects and typical electronic characteristics. --- ### 1. Technical Specifications Overview While specific parameters can vary by manufacturer (often associated with brands like Tai-Saw Technology or similar RF specialists), the general profile for this series includes: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF SAW Filter / Crystal Resonator | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | Often 3.8mm x 3.8mm or 3.0mm x 3.0mm (standard FCG footprint) | | **Termination** | Gold-plated pads (RoHS compliant) | | **Mounting Style** | Reflow Solderable | ### 2. Key Electronic Parts & Functions The device operates based on the **Piezoelectric Effect**. Internally, it consists of the following elements: * **Piezoelectric Substrate:** Usually made of Lithium Tantalate ($LiTaO_3$) or Lithium Niobate ($LiNbO_3$). This material converts electrical signals into mechanical (acoustic) waves and back again. * **Interdigital Transducers (IDTs):** These are comb-like metallic electrodes deposited on the substrate. They determine the center frequency and bandwidth of the component. * **Ceramic Enclosure:** The "FCG" designation often refers to the ceramic package style which provides hermetic sealing to protect the delicate IDTs from moisture and oxidation. ### 3. Application Areas The MHO362FCG-R is commonly integrated into the following electronic circuits: 1. **RF Front-Ends:** Used to filter out noise and interference in wireless receivers. 2. **IF (Intermediate Frequency) Filtering:** Helps in selecting the desired channel in superheterodyne receivers. 3. **Remote Control Systems:** Often found in 362MHz or similar frequency range transmitters (e.g., garage door openers, security sensors). 4. **Satellite Receivers:** Providing high-rejection of out-of-band signals. ### 4. Code Breakdown * **MHO:** Manufacturer-specific series prefix. * **362:** Typically denotes the **Center Frequency** (e.g., 362.0 MHz). * **FCG:** Refers to the physical package format and pinout configuration. * **R:** Usually indicates "Tape and Reel" packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency and bandwidth of the MHO362FCG-R?
    • ⤷ Can this component be used in high-temperature industrial environments?
    • ⤷ What are the equivalent alternatives for this SAW filter?