Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO363FAG-R

  • AI
    The **MHO363FAG-R** belongs to a specific category of passive electronic components, typically identified as a **Metal Oxide Film Resistor**. These components are widely used in power supplies, consumer electronics, and industrial circuits due to their stability and high-temperature tolerance. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Specifications Metal oxide resistors are preferred over carbon film resistors for applications requiring higher reliability and better heat dissipation. | Parameter | Specification (Typical) | | :--- | :--- | | **Resistor Type** | Metal Oxide Film | | **Resistance Value** | Defined by the "363" code (36k $\Omega$ or 363 $\Omega$ depending on series) | | **Tolerance** | Generally ±5% (indicated by 'J') or ±1% (indicated by 'F') | | **Power Rating** | Often 1W, 2W, or 3W (Frame-size dependent) | | **Operating Temp** | -55°C to +155°C or higher | | **Coating** | Non-flammable silicone or epoxy | --- ### 2. Key Electronic Features The MHO series is engineered for specific performance metrics: * **Flameproof Construction:** The "F" in the part number often denotes a flameproof coating. In the event of an overload, the resistor will open without catching fire. * **High Stability:** Metal oxide films provide better stability against moisture and oxidation compared to carbon-based alternatives. * **Low Noise:** These parts exhibit very low electrical noise, making them suitable for audio and precision signal paths. * **Surge Capability:** They can withstand higher pulse loads than standard carbon film resistors of the same physical size. --- ### 3. Decoding the Part Number While naming conventions vary slightly by manufacturer (such as RoyalOhm or Yageo), the code generally breaks down as follows: 1. **MHO:** **M**etal **H**igh **O**xide (Series identifier). 2. **363:** The Resistance Value. * *Standard coding:* 36 followed by 3 zeros = **36,000 $\Omega$ (36k $\Omega$)**. 3. **F:** Tolerance or Power Rating code. * Commonly denotes **±1% Tolerance** or **Flameproof**. 4. **AG:** Package style (e.g., Axial Lead, Taped in Ammo Pack). 5. **R:** Compliance code (e.g., **RoHS** compliant). --- ### 4. Common Applications * **Power Supplies:** Used as bleeder resistors to discharge capacitors. * **Audio Equipment:** Used in output stages due to low noise. * **Protection Circuits:** Acts as a sacrificial link in current-limiting scenarios.
    ✨ Follow-up Questions
    • ⤷ What is the exact power rating for the '363' frame size in this series?
    • ⤷ How does a metal oxide resistor compare to a wirewound resistor in high-frequency applications?
    • ⤷ Can this part be used as a replacement for a carbon film resistor with the same Ohmic value?