Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO364TCG-R

  • AI
    The **MHO364TCG-R** is a specific component, typically categorized as a **Surface Mount Device (SMD) High-Frequency Crystal Oscillator** or a specialized **Clock Generator** component. These parts are critical for providing stable timing signals in telecommunications and networking hardware. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the likely electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) / Clock Module | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | 7.0mm x 5.0mm (Standard Ceramic Package) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Frequency Stability** | ±25ppm to ±100ppm | | **Output Type** | CMOS / TTL | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Components The MHO364TCG-R consists of several internal electronic stages: 1. **Quartz Crystal Blank:** The heart of the component, which vibrates at a specific frequency when an electric field is applied (Piezoelectric effect). 2. **Oscillator IC:** An integrated circuit that maintains the oscillation and regulates the output signal levels. 3. **Bypass Capacitors:** Internal capacitors used to filter noise from the power supply. 4. **Tri-state Function (TCG/R Suffix):** * **Enable/Disable:** Allows the output to be turned off (High Impedance state) to save power or perform testing without removing the component from the board. --- ### 3. Pin Configuration (Typical 4-6 Pin Layout) In standard SMD oscillators like this, the pins are usually assigned as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state control) or No Connection | | **2** | GND | Circuit Ground | | **3** | Output | The generated clock signal (Square wave) | | **4** | Vdd | Power Supply (+) | --- ### 4. Common Applications Due to its stability and form factor, the MHO364TCG-R is commonly found in: * **Networking Equipment:** Routers, switches, and modems. * **Embedded Systems:** Microcontrollers requiring external high-speed clocks. * **Industrial Automation:** PLCs and sensor hubs. * **Telecommunications:** Base stations and signal processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MHO364TCG-R?
    • ⤷ How does the 'Tri-state' function work in this specific oscillator?
    • ⤷ What are the soldering profile requirements for this SMD package?