Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO365FCD-R

  • AI
    The **MHO365FCD-R** belongs to a specialized category of high-reliability electronic components, typically utilized in aerospace, defense, or high-end industrial applications. This part is a **Hybrid Crystal Oscillator** manufactured by MtronPTI. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics associated with this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage ($V_{cc}$)** | 5.0 VDC | | **Package Style** | 14-pin DIP (Dual In-line Package) - Half Size or Full Size | | **Operating Temperature** | -55°C to +125°C (Military Grade) | | **Frequency Range** | Usually between 1 MHz to 150 MHz | --- ### 2. Functional Breakdown #### A. The Crystal Unit The "heart" of the device is a quartz crystal blank. In the MHO series, these are often **AT-cut crystals**, which provide excellent temperature stability. The crystal vibrates at a specific frequency when an electrical signal is applied, acting as the primary timing reference. #### B. The Hybrid Circuitry Unlike standard consumer oscillators, this is a **Hybrid** device. This means: * It combines discrete semiconductor chips and passive components on a ceramic substrate. * It includes a bipolar or CMOS integrated circuit (IC) that provides the oscillation and output buffering. * The internal components are often wire-bonded for high vibration resistance. #### C. Hermetic Sealing The "R" suffix and the MHO designation typically imply a **Hermetically Sealed** package. The internal cavity is filled with an inert gas (like Nitrogen) to prevent moisture or atmospheric contaminants from degrading the quartz crystal or the internal circuitry over decades of use. --- ### 3. Application Use Cases Because of its rugged construction and wide temperature tolerance, the MHO365FCD-R is commonly found in: 1. **Avionics:** Flight control computers where timing must remain precise despite extreme altitude and temperature changes. 2. **Military Hardware:** Communication systems (radios) and tactical equipment requiring high reliability. 3. **Legacy Industrial Systems:** Older PLC or control systems that utilize 14-pin DIP footprints for 5V logic. --- ### 4. Part Number Decoder (MHO Series) While specific internal datasheets are required for exact variations, the nomenclature generally follows this pattern: * **MHO:** MtronPTI Hybrid Oscillator series. * **3:** Indicates the voltage (usually 5V for this specific legacy series). * **65:** Often refers to the temperature stability rating (e.g., ±50ppm or ±100ppm). * **F:** Frequency stability/Output type code. * **CD:** Package/Pinout configuration. * **R:** Denotes RoHS compliance or a specific Revision level.
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents for this oscillator in a modern SMT package?
    • ⤷ How does the jitter performance of this hybrid oscillator compare to standard MEMS oscillators?
    • ⤷ What is the maximum frequency available for the MHO365 series?