Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO365FCG-R

  • AI
    Based on the provided part number **MHO365FCG-R**, this component is a specific type of **Crystal Oscillator** (specifically a Surface Mount Device or SMD). These components are critical for providing a stable clock signal in electronic circuits. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Component Overview The MHO series generally refers to **High-Frequency CMOS Clock Oscillators**. These are "active" components, meaning they require a power supply to generate an oscillating square wave signal. ### Technical Specifications (Typical) | Parameter | Characteristic | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Output Type** | CMOS / HCMOS | | **Package Type** | SMD (Surface Mount Device) | | **Supply Voltage (Vcc)** | Typically 3.3V or 5.0V (Series dependent) | | **Frequency Stability** | ±25ppm to ±100ppm | | **Operating Temp** | -10°C to +70°C (Standard) or -40°C to +85°C (Industrial) | | **RoHS Status** | Compliant (indicated by -R suffix) | --- ## 2. Part Number Breakdown While nomenclature varies slightly by manufacturer (such as MtronPTI), the suffixing usually follows this logic: * **MHO:** Series designation (Metal-can or high-speed CMOS). * **3:** Often indicates the voltage (e.g., 3.3V). * **65:** Frequency stability or specific package dimensions (often 5x7mm or 14-pin DIP compatible layout). * **F:** Feature code (may represent "Fixed" frequency or specific symmetry/duty cycle). * **CG:** Output/Temperature code. * **-R:** **RoHS Compliant**. This ensures the part is lead-free and meets environmental safety standards. --- ## 3. Internal Block Diagram An active oscillator like the MHO365FCG-R integrates several parts into one package: 1. **Quartz Crystal Resonator:** The mechanical heart of the device. 2. **Oscillator IC:** The circuitry that "kicks" the crystal to keep it vibrating. 3. **Output Buffer:** Ensures the signal is strong enough to drive other chips (FPGA, MCU). 4. **Bypass Capacitor (Internal):** Often included to reduce electrical noise. --- ## 4. Common Applications These oscillators are found in digital systems that require a "heartbeat" to synchronize data: * **Microcontrollers (MCU):** Providing the external clock source. * **Networking Gear:** Switches and routers for timing data packets. * **Industrial Controllers:** Ensuring precise timing in automated environments. * **Embedded Systems:** General-purpose PCB timing. --- ## 5. Typical Pinout (4-Pad SMD) If this is a standard SMD package, the pinout usually follows this standard: | Pin | Function | Description | | :--- | :--- | :--- | | **1** | NC or Tri-state | No connect or Output Enable/Disable | | **2** | GND | Ground | | **3** | Output | The Clock Signal (Square Wave) | | **4** | Vcc | Positive Power Supply |
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO365FCG-R in MHz?
    • ⤷ How does an active crystal oscillator differ from a passive crystal?
    • ⤷ What are the footprint dimensions for this specific package?