Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO366FCD-R

  • AI
    The **MHO366FCD-R** is a specific electronic component, typically categorized as a **High-Stability Oven Controlled Crystal Oscillator (OCXO)** or a specialized **Clock/Frequency Control** device. These parts are designed for precision timing in telecommunications and networking hardware. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Frequency Range** | Usually fixed (commonly 10MHz, 20MHz, or custom) | | **Stability** | Extremely High (ppb - parts per billion range) | | **Package Type** | Through-hole or specialized Surface Mount | | **Supply Voltage** | Typically 3.3V or 5.0V | | **Output Type** | CMOS / Sine Wave | --- ### 2. Core Functional Blocks The "MHO" series generally consists of three main internal stages: 1. **The Quartz Crystal:** The heart of the unit, providing the base resonant frequency. 2. **The "Oven" (Heater):** A resistive heating element and a temperature sensor. This keeps the crystal at a specific "turning point" temperature (usually around 75°C to 85°C) to prevent frequency drift caused by ambient temperature changes. 3. **The Sustaining Circuit:** The electronic oscillator circuit that maintains the vibration of the crystal and buffers the output signal. --- ### 3. Applications Because of the high stability provided by the internal heating element, this part is used where standard oscillators (XO) or Temperature Compensated oscillators (TCXO) are insufficient: * **Base Stations:** Synchronization for 4G/5G LTE cellular towers. * **Satellite Communications:** Precise frequency up/down conversion. * **Test & Measurement:** Internal clock references for oscilloscopes and spectrum analyzers. * **Network Switches:** High-speed data synchronization to prevent packet loss. --- ### 4. Part Number Breakdown (General) While specific to the manufacturer (often MtronPTI or similar), the suffix codes usually indicate: * **FCD:** Specific frequency stability and operating temperature range. * **-R:** Generally denotes **RoHS Compliance** (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an OCXO like the MHO366 and a standard TCXO?
    • ⤷ How does the power consumption of this part compare to non-heated oscillators?
    • ⤷ What are the pinout configurations for the MHO366 series?